Electronic Components Datasheet Search
  English  ▼

X  

LTC4278 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4278
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4278 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4278 Datasheet HTML 9Page - Linear Technology LTC4278 Datasheet HTML 10Page - Linear Technology LTC4278 Datasheet HTML 11Page - Linear Technology LTC4278 Datasheet HTML 12Page - Linear Technology LTC4278 Datasheet HTML 13Page - Linear Technology LTC4278 Datasheet HTML 14Page - Linear Technology LTC4278 Datasheet HTML 15Page - Linear Technology LTC4278 Datasheet HTML 16Page - Linear Technology LTC4278 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC4274
13
4274fa
PIN FUNCTIONS
OUT: Output Voltage Monitor. OUT should be connected
to the output port. A current limit foldback circuit limits
the power dissipation in the external MOSFET by reduc-
ing the current limit threshold when the drain-to-source
voltage exceeds 10V. The Power Good bit is set when the
voltage from OUT to VEE drops below 2.4V (typ). A 500k
resistor is connected internally from OUT to AGND when
the port is idle.
VEE: Main Supply Input. Connect to a –45V to –57V
supply, relative to AGND.
AUTO: AUTO Pin Mode Input. AUTO pin mode allows the
LTC4274 to detect and power up a PD even if there is no
host controller present on the I2C bus. The voltage of the
AUTO pin determines the state of the internal registers
when the LTC4274 is reset or comes out of VDD UVLO
(see the Register map). The states of these register bits
can subsequently be changed via the I2C interface. The
real-time state of the AUTO pin is read at bit 0 in the Pin
Status register (11h). Internally pulled down to DGND.
Must be tied locally to either VDD or DGND.
MSD: Maskable Shutdown Input. Active low. When pulled
low, all ports that have their corresponding mask bit set
in the Misc Config register (17h) will be reset, equivalent
to pulling the SHDN pin low. Internal filtering of the MSD
pin prevents glitches less than 1μs wide from resetting
ports. Internally pulled up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com