Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1696
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 1 Page - Linear Technology

  LTC1696 Datasheet HTML 1Page - Linear Technology LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4365
1
4365f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
UV, OV and Reverse
Supply Protection Controller
12V Automotive Application
APPLICATIONS
n Wide Operating Voltage Range: 2.5V to 34V
n Overvoltage Protection to 60V
n Reverse Supply Protection to –40V
n Blocks 50Hz and 60Hz AC Power
n No Input Capacitor or TVS Required for Most
Applications
n Adjustable Undervoltage and Overvoltage
Protection Range
n Charge Pump Enhances External N-Channel MOSFET
n Low Operating Current: 125μA
n Low Shutdown Current: 10μA
n Fault Status Output
n Compact 8-Lead, 3mm × 2mm DFN and
TSOT-23 (ThinSOT™) Packages
n Portable Instrumentation
n Industrial Automation
n Laptops
n Automotive
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT, No RSENSE and Hot Swap are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
VIN
UV
OV
SHDN
OV = 18V
UV = 3.5V
4365 TA01a
VOUT
FAULT
GATE
VIN
12V
VOUT
3A
Si4946
GND
LTC4365
510k
1820k
243k
59k
Load Protected from Reverse and Overvoltage at VIN
The LTC®4365 protects applications where power supply
input voltages may be too high, too low or even negative.
It does this by controlling the gate voltages of a pair of
external N-channel MOSFETs to ensure that the output
stays within a safe operating range.
The LTC4365 can withstand voltages between –40V and
60V and has an operating range of 2.5V to 34V, while
consuming only 125μA in normal operation.
Two comparator inputs allow configuration of the
overvoltage (OV) and undervoltage (UV) set points using an
external resistive divider. A shutdown pin provides external
control for enabling and disabling the MOSFETs as well
as placing the device in a low current shutdown state. A
fault output provides status of the gate pin pulling low. A
fault is indicated when the part is in shutdown or the input
voltage is outside the UV and OV set points.
–30V
GND
10V/DIV
30V
4365 TA01b
1s/DIV
UV = 3.5V
OV = 18V
VOUT
VOUT
VIN
VIN
VALID
WINDOW


Similar Part No. - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
Overvoltage Protection Controller
LTC1696 LINER-LTC1696 Datasheet
291Kb / 24P
High Voltage Surge
LTC1696 LINER-LTC1696 Datasheet
179Kb / 14P
Overvoltage Protection Controller
logo
Linear Integrated Syste...
LTC1696 LINEAR-LTC1696 Datasheet
241Kb / 26P
Surge Stopper
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
296Kb / 24P
High Voltage Surge Stopper
More results

Similar Description - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Maxim Integrated Produc...
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
logo
Analog Devices
LTC4368 AD-LTC4368 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
logo
Maxim Integrated Produc...
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17526AEVKIT MAXIM-MAX17526AEVKIT Datasheet
960Kb / 12P
MAX17526A ??5.5V to 60V, 6A Current Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 0; 6/18
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17526A MAXIM-MAX17526A Datasheet
772Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17526A MAXIM-MAX17526A_V01 Datasheet
994Kb / 27P
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com