Electronic Components Datasheet Search
  English  ▼

X  

LTC4274 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4274
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4274 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4274 Datasheet HTML 14Page - Linear Technology LTC4274 Datasheet HTML 15Page - Linear Technology LTC4274 Datasheet HTML 16Page - Linear Technology LTC4274 Datasheet HTML 17Page - Linear Technology LTC4274 Datasheet HTML 18Page - Linear Technology LTC4274 Datasheet HTML 19Page - Linear Technology LTC4274 Datasheet HTML 20Page - Linear Technology LTC4274 Datasheet HTML 21Page - Linear Technology LTC4274 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4274
18
4274fa
APPLICATIONS INFORMATION
The port will then wait for at least 100ms (or 2 seconds if
midspan mode is enabled), and will repeat the detection
cycle to ensure that the data in the Port Status register
is up-to-date.
If the port is in semi-auto mode and high power opera-
tion is enabled, the port will not turn on in response to
a power-on command unless the current detect result is
detect good. Any other detect result will generate a tSTART
fault if a power-on command is received. If the port is not
in high power mode, it will ignore the detection result and
apply power when commanded, maintaining backwards
compatibility with the LTC4259A.
Behavior in AUTO pin mode is similar to semi-auto; however,
after Detect Good is reported and the port is classified (if
classification is enabled), it is automatically powered on
without further intervention. In standalone (AUTO pin)
mode, the ICUTandILIMthresholdsareautomaticallyset;see
the Reset and the AUTO Pin section for more information.
The signature detection circuitry is disabled when the
port is initially powered up with the AUTO pin low, in
shutdown mode, or when the corresponding Detect
Enable bit is cleared.
Detection of Legacy PDs
Proprietary PDs that predate the original IEEE 802.3af
standard are commonly referred to today as legacy de-
vices. One type of legacy PD uses a large common mode
capacitance (>10μF) as the detection signature. Note that
PDs in this range of capacitance are defined as invalid, so
a PSE that detects legacy PDs is technically noncompliant
with the IEEE spec.
The LTC4274 can be configured to detect this type of
legacy PD. Legacy detection is disabled by default, but
can be manually enabled. When enabled, the port will
report Detect Good when it sees either a valid IEEE PD or
a high-capacitance legacy PD. With legacy mode disabled,
only valid IEEE PDs will be recognized.
CLASSIFICATION
802.3af Classification
A PD can optionally present a classification signature to
the PSE to indicate the maximum power it will draw while
operating. The IEEE specification defines this signature as
a constant current draw when the PSE port voltage is in the
VCLASS range (between 15.5V and 20.5V), with the current
level indicating one of 5 possible PD classes. Figure 14
shows a typical PD load line, starting with the slope of the
25kΩ signature resistor below 10V, then transitioning to
the classification signature current (in this case, Class 3)
in the VCLASS range. Table 4 shows the possible clas-
sification values.
Table 4. Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3W
Class 2
7W
Class 3
13W
Class 4
25.5W (Type 2)
If classification is enabled, the port will classify the PD
immediately after a successful detection cycle in semi-auto
or AUTO pin modes, or when commanded to in manual
mode. It measures the PD classification signature by ap-
plying 18V for 12ms (both values typical) to the port via
Figure 13. PD Classification
VOLTAGE (VCLASS)
0
60
50
40
30
20
10
0
510
15
20
4274 F13
25
TYPICAL
CLASS 3
PD LOAD
LINE
48mA
33mA
PSE LOAD LINE
23mA
14.5mA
6.5mA
CLASS 4
CLASS 2
CLASS 1
CLASS 0
CLASS 3
OVER
CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com