Electronic Components Datasheet Search
  English  ▼

X  

LTC3727-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3727-1
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3727-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3727-1 Datasheet HTML 1Page - Linear Technology LTC3727-1 Datasheet HTML 2Page - Linear Technology LTC3727-1 Datasheet HTML 3Page - Linear Technology LTC3727-1 Datasheet HTML 4Page - Linear Technology LTC3727-1 Datasheet HTML 5Page - Linear Technology LTC3727-1 Datasheet HTML 6Page - Linear Technology LTC3727-1 Datasheet HTML 7Page - Linear Technology LTC3727-1 Datasheet HTML 8Page - Linear Technology LTC3727-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4365
2
4365f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Note 1)
VIN .......................................................... –40V to 60V
Input Voltages (Note 3)
UV, SHDN .............................................. –0.3V to 60V
OV............................................................ –0.3V to 6V
VOUT....................................................... –0.3V to 40V
Output Voltages (Note 4)
FAULT..................................................... –0.3V to 60V
GATE....................................................... –40V to 45V
TOP VIEW
9
GND
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
OV
UV
VIN
SHDN
FAULT
VOUT
GATE
TJMAX = 150°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) PCB GROUND CONNECTION OPTIONAL
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
GATE
VOUT
FAULT
SHDN
VIN
UV
OV
GND
TJMAX = 150°C, θJA = 195°C/W
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4365CDDB#TRMPBF
LTC4365CDDB#TRPBF
LFKS
8-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC4365IDDB#TRMPBF
LTC4365IDDB#TRPBF
LFKS
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC4365HDDB#TRMPBF
LTC4365HDDB#TRPBF
LFKS
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC4365CTS8#TRMPBF
LTC4365CTS8#TRPBF
LTFKT
8-Lead Plastic TSOT-23
0°C to 70°C
LTC4365ITS8#TRMPBF
LTC4365ITS8#TRPBF
LTFKT
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC4365HTS8#TRMPBF
LTC4365HTS8#TRPBF
LTFKT
8-Lead Plastic TSOT-23
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Ambient Temperature Range
LTC4365C................................................ 0°C to 70°C
LTC4365I ............................................. –40°C to 85°C
LTC4365H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
for TSOT Only ................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com