Electronic Components Datasheet Search
  English  ▼

X  

BTS5590G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BTS5590G
Description  SPI Power Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5590G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BTS5590G Datasheet HTML 17Page - Infineon Technologies AG BTS5590G Datasheet HTML 18Page - Infineon Technologies AG BTS5590G Datasheet HTML 19Page - Infineon Technologies AG BTS5590G Datasheet HTML 20Page - Infineon Technologies AG BTS5590G Datasheet HTML 21Page - Infineon Technologies AG BTS5590G Datasheet HTML 22Page - Infineon Technologies AG BTS5590G Datasheet HTML 23Page - Infineon Technologies AG BTS5590G Datasheet HTML 24Page - Infineon Technologies AG BTS5590G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Data Sheet
21
Rev. 1.3, 2007-10-30
SPOC - BTS5590G
Power Stages
6.5
Command Description
OUT
Output Configuration Registers
W/R
RB
5
432
10
read/write
0
0
OUT4
OUT3
OUT2
OUT1
OUT0
Field
Bits
Type
Description
OUTn
n = 4 to 0
nr/w
Set Output Mode for Channel n
0
Channel n is switched off
1
Channel n is switched on
WDLR
Watchdog and LED Mode Configuration Register
W/R
4
321
0
read
WDC
LED2
LED1
LED0
write
WDTR
LED2
LED1
LED0
Field
Bits
Type
Description
LEDn
n = 2 to 0
nrw
Set LED Mode for Channel n
0
Channel n is in bulb mode
1
Channel n is in LED mode
HWCR
Hardware Configuration Register
W/R
43210
read
LHO
WDL
SBM
PWM
CTL
write
RST
WDL
0PWM
CTL
Field
Bits
Type
Description
PWM
1
rw
PWM Configuration
0
Input signal OR-combined with according OUT register bit
1
Input signal AND-combined with according OUT register bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com