Electronic Components Datasheet Search
  English  ▼

X  

BTS6143D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS6143D
Description  Smart Highside Power Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6143D Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS6143D Datasheet HTML 1Page - Infineon Technologies AG BTS6143D Datasheet HTML 2Page - Infineon Technologies AG BTS6143D Datasheet HTML 3Page - Infineon Technologies AG BTS6143D Datasheet HTML 4Page - Infineon Technologies AG BTS6143D Datasheet HTML 5Page - Infineon Technologies AG BTS6143D Datasheet HTML 6Page - Infineon Technologies AG BTS6143D Datasheet HTML 7Page - Infineon Technologies AG BTS6143D Datasheet HTML 8Page - Infineon Technologies AG BTS6143D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PROFET® BTS 6143 D
Data Sheet
4 of 18
Rev. 1.0, 2007-02
Values
Parameter and Conditions
at Tj= 25, Vbb = 12 V unless otherwise specified
Symbol
min.
typ.
max.
Unit
Operating Parameters
Operating voltage (VIN=0)
Tj=-40...150 °C: Vbb(on)
5.5
--
38
V
Undervoltage shutdown 7) 8)
VbIN(u)
--
2.5
3.5
V
Undervoltage restart of charge pump
Vbb(ucp)
--
4
5.5
V
Overvoltage protection 9)
Ibb=15 mA
Tj=-40...+150°C:
VZ,IN
63
67
--
V
Standby current
Tj=-40...+120°C:
IIN=0
Tj=150°C:
Ibb(off)
--
--
3
6
6
14
µA
Reverse Battery
Reverse battery voltage 10)
-Vbb
--
--
16
V
On-state resistance (pin 1,5 to pin 3)
Vbb= - 8V, VIN= 0, IL = -7.5 A, RIS = 1 k
Ω, 8)
Tj=25 °C:
Tj=150 °C:
Vbb= -12V, VIN= 0, IL = -7.5 A, RIS = 1 k
Ω,Tj=25 °C:
Tj=150 °C:
RON(rev)
--
--
--
--
9.5
16
9
15
13
22
12
20
m
Ω
Integrated resistor in Vbb line
Rbb
--
100
150
Ω
Inverse Operation 11)
Output voltage drop (pin 1,5 to pin 3) 8)
IL = -7.5 A, RIS = 1 k
Ω,
Tj=25 °C:
IL = -7.5 A, RIS = 1 k
Ω,
Tj=150 °C:
- VON(inv)
--
--
700
300
--
--
mV
Turn-on delay after inverse operation; IL > 0A 8)
VIN(inv) = VIN(fwd) = 0 V
td(inv)
--
1
--
ms
7)
VbIN=Vbb-VIN see schematic on page 8 and page 14.
8)
Not subject to production test, specified by design.
9)
See also VZ(IN) in schematic page 9.
10) For operation at voltages higher then |16V| please see required schematic on page 10.
11) Permanent Inverse operation results eventually in a current flow via the intrinsic diode of the power DMOS.
In this case the device switches on with a time delay td(inv)
) after the transition from inverse to forward mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com