Electronic Components Datasheet Search
  English  ▼

X  

CGY41 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CGY41
Description  HiRel L- and S-Band GaAs General Purpose Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CGY41 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CGY41 Datasheet HTML 1Page - Infineon Technologies AG CGY41 Datasheet HTML 2Page - Infineon Technologies AG CGY41 Datasheet HTML 3Page - Infineon Technologies AG CGY41 Datasheet HTML 4Page - Infineon Technologies AG CGY41 Datasheet HTML 5Page - Infineon Technologies AG CGY41 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CGY41
IFAG IMM RPD D
2 of 6
Target DATASHEET
Maximum ratings
Symbol
Value
Unit
Drain-voltage
V
D
5.5
V
Gate-voltage
V
G
-4 ... 0.5
V
Drain-gate voltage
V
DG
9.5
V
RF Input power
1)
PRF
IN
16
dBm
Channel temperature
T
Ch
175
°C
Storage temperature range
T
stg
-55...+175
°C
Total power dissipation (TS < 82°C)
2)
P
tot
440
mW
Thermal resistance
Channel-soldering point
2)
R
thChS
160
K/W
Notes: Exceeding any of the max. ratings may cause permanent damage to the device. Appropriate
handling is required to protect the electrostatic sensitive MMIC against degradation due to excess
voltage or current spikes. Proper ground connection of leads 2 and 4 ( with min. inductance ) is required
to achieve the guaranteed RF performance, stable operating conditions and adequate cooling.
1) @ VD > 4.5 V derating required.
2) Ts is measured on the source lead at the soldering point to the PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com