Electronic Components Datasheet Search
  English  ▼

X  

D950N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # D950N
Description  Netz-Gleichrichterdiode Rectifier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D950N Datasheet(HTML) 2 Page - Infineon Technologies AG

  D950N Datasheet HTML 1Page - Infineon Technologies AG D950N Datasheet HTML 2Page - Infineon Technologies AG D950N Datasheet HTML 3Page - Infineon Technologies AG D950N Datasheet HTML 4Page - Infineon Technologies AG D950N Datasheet HTML 5Page - Infineon Technologies AG D950N Datasheet HTML 6Page - Infineon Technologies AG D950N Datasheet HTML 7Page - Infineon Technologies AG D950N Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D950N
IFBIP D AEC / 2010-01-20, H.Sandmann
A 12/10
2/8
Seite/page
Mechanische Eigenschaften
Mit diesem Datenblatt werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert. Sie gilt in
Verbindung mit den zugehörigen technischen Erläuterungen.
This data sheet specifies semiconductor devices, but promises no characteristics. It is valid in combination with the belonging
technical notes.
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 3
page 3
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Anpreßkraft
clamping force
F
6...12 kN
Gewicht
weight
G
typ.
82 g
Kriechstrecke
creepage distance
10 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com