Electronic Components Datasheet Search
  English  ▼

X  

SVC212 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC212
Description  Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC212 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC212 Datasheet HTML 1Page - Sanyo Semicon Device SVC212 Datasheet HTML 2Page - Sanyo Semicon Device SVC212 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33098HA (KT)/41096GI (KOTO) /D056TA, TS No.2228-1/3
SVC212
Ordering number :EN2228B
Varactor Diode (IOCAP)
for FM Receiver Electronic Tuning
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Diffused Junction Type Sillicon Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
6
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=6
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
1
=
0
5A
n
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C V
2
VR
z
H
M
1
=
f
,
V
0
.
2
=0
.
3
45
.
7
4F
p
C V
8
VR
z
H
M
1
=
f
,
V
0
.
8
=5
.
4
28
.
8
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
0
0
1
=
f
,
V
0
.
3
=0
0
1
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CC
V
0
.
2
/
V
0
.
8
5
6
.
15
7
.
1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1169A
[SVC212]
Note)*:Capacitance value of one diode.
Electrical Characteristics at Ta = 25˚C
Electrical Connection
Features
· Twin type FM electrinic tuning-use varactor diode
which excels in large input characteristic.
· Ultrasmall-sized package making it possible to make
SVC212-applied sets smaller and slimmer.
· Possible to offer the SVC212 devices in a tape reel
packaging, which faciitates automatic mounting.
˚C
˚C
1:Anode
2:Anode
3:Cathode
SANYO:CP
k
n
a
R)
F
p
(
e
u
l
a
V
e
c
n
a
t
i
c
a
p
a
C
15
.
4
4
o
t
0
.
3
4
25
.
5
4
o
t
0
.
4
4
35
.
6
4
o
t
0
.
5
4
45
.
7
4
o
t
0
.
6
4
Subclassification of C2V


Similar Part No. - SVC212

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC211 SANYO-SVC211 Datasheet
95Kb / 3P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC211SPA SANYO-SVC211SPA Datasheet
95Kb / 3P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
More results

Similar Description - SVC212

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC202 SANYO-SVC202 Datasheet
84Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC208 SANYO-SVC208 Datasheet
116Kb / 4P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC211SPA SANYO-SVC211SPA Datasheet
95Kb / 3P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC245 SANYO-SVC245 Datasheet
29Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC333 SANYO-SVC333 Datasheet
105Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC347 SANYO-SVC347 Datasheet
19Kb / 3P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com