Electronic Components Datasheet Search
  English  ▼

X  

SVC221 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC221
Description  Varactor Diode for FM Receiver Electronic Tuning Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC221 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC221 Datasheet HTML 1Page - Sanyo Semicon Device SVC221 Datasheet HTML 2Page - Sanyo Semicon Device SVC221 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC221
No.6513-1/3
Features
•
Very small package facilitates miniaturization
in end products.
•
Since shipment in tape reel packing is available,
automatic insertion is supported.
•
High Q.
•
Guaranteed matching to 4.0% at VR=2V.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
−55 to +125
°C
Electrical Characteristics at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
max
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance
C2V
VR=2.0V, f=1MHz g
20.80
24.80
pF
C8V
VR=8.0V, f=1MHz
12.00
15.00
pF
Quality Factor
Q
VR=3.0V, f=100MHz
100
Capacitance Ratio
CR
C2.0V / C8.0V
1.65
1.75
Matching Tolerance
∆Cm
VR=2.0V, f=1MHz (Cmax − Cmin) / Cmin!100
4.0
%
Note : Matching Tolerance is valid for the devices in each taping reel.
g
: 1MHz signal : 20mVrms
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Package Dimensions
unit : mm
1148A
1 : Anode
2 : No Contact
3 : Cathode
SANYO : CP
0.4
0.95 0.95
1.9
2.9
0.16
0 to 0.1
2
3
1
[SVC221]
41000 GI (IM)
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Anode
12
3
NC
Cathode
Diffused Junction Silicon Diode
Ordering number : ENN6513
SVC221
Varactor Diode for
FM Receiver Electronic Tuning Use


Similar Part No. - SVC221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC221D-05A ETC1-SVC221D-05A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC221D-05A SAMWHA-SVC221D-05A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC221D-05B ETC1-SVC221D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC221D-07A ETC1-SVC221D-07A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC221D-07A SAMWHA-SVC221D-07A Datasheet
2Mb / 10P
SVC Varistors Type
More results

Similar Description - SVC221

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC234 SANYO-SVC234 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC341 SANYO-SVC341 Datasheet
46Kb / 3P
Varactor Diode for Receiver Electronic Tuning Use
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC237 SANYO-SVC237 Datasheet
22Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com