Electronic Components Datasheet Search
  English  ▼

X  

SVC224 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC224
Description  Varactor Diode for VCO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC224 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC224 Datasheet HTML 1Page - Sanyo Semicon Device SVC224 Datasheet HTML 2Page - Sanyo Semicon Device SVC224 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC224
No.6515-1/3
Features
•
High capacitance ratio.
•
Best suited for VCO use.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
−55 to +125
°C
Electrical Characteristics at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
max
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance
C1.0V
VR=1.0V, f=1MHzg
51.0
76.0
pF
C6.0V
VR=6.0V, f=1MHz
16.0
29.0
pF
C9.0V
VR=9.0V, f=1MHz
9.5
15.5
pF
Capacitance Ratio
CR
C1.0V / C9.0V
4.6
5.8
Quality Factor
Q
VR=3.0V, f=100MHz
60
g
: 1MHz signal : 20mVrms
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Package Dimensions
unit : mm
1184
4.0
0.4
0.5
0.4
12
2.2
0.4
2.6
3.0
3.8nom
1 : Anode
2 : Cathode
SANYO : SPA
[SVC224]
41000 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Diffused Junction Silicon Diode
Ordering number : ENN6515
SVC224
Varactor Diode for VCO


Similar Part No. - SVC224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC220D-05B ETC1-SVC220D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC220D-05B SAMWHA-SVC220D-05B Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC220D-07B ETC1-SVC220D-07B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC220D-07B SAMWHA-SVC220D-07B Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC220D-07D ETC1-SVC220D-07D Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC224

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
EC2C01C SANYO-EC2C01C Datasheet
20Kb / 3P
VCXO & VHF Band VCO Applications Varactor Diode
SVC704 SANYO-SVC704 Datasheet
29Kb / 3P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710 Datasheet
41Kb / 4P
Silicon Diffused Junction Type Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_12 Datasheet
435Kb / 6P
Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
logo
ON Semiconductor
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com