Electronic Components Datasheet Search
  English  ▼

X  

LS312_P-DIP Datasheet(PDF) 1 Page - Micross Components

Part # LS312_P-DIP
Description  MONOLITHIC DUAL NPN TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS312_P-DIP Datasheet(HTML) 1 Page - Micross Components

  LS312_P-DIP Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
HIGH  GAIN  
hFE ≥ 200 @ 10µA‐1mA 
TIGHT VBE MATCHING 
|VBE1 – VBE2 |= 0.2mV TYP. 
HIGH ft 
250MHz TYP. @ 1mA 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation (One side) 
250mW 
Continuous Power Dissipation (Both sides) 
500mW 
Linear Derating factor (One side) 
2.3mW/°C 
Linear Derating factor (Both sides) 
4.3mW/°C 
Maximum Currents 
Collector Current 
10mA 
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VBE1 – VBE2 | 
Base Emitter Voltage Differential 
‐‐ 
0.2 
0.5 
mV 
IC = 10µA, VCE = 5V 
∆|(VBE1 – VBE2)| / ∆T 
 
Base Emitter Voltage Differential 
Change with Temperature 
‐‐ 
0.5 
2 
µV/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
|IB1 – IB2 | 
Base Current Differential 
‐‐ 
‐‐ 
5 
nA 
IC = 10µA, VCE = 5V 
|∆ (IB1 – IB2)|/°C 
Base Current Differential 
 Change with Temperature 
‐‐ 
‐‐ 
0.3 
nA/°C 
IC = 10µA, VCE = 5V 
TA = ‐55°C to +125°C 
hFE1 /hFE2 
DC Current Gain Differential 
‐‐ 
5 
‐‐ 
% 
IC = 10µA, VCE = 5V 
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVCBO 
Collector to Base Voltage 
60 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
BVCEO 
Collector to Emitter Voltage 
60 
‐‐ 
‐‐ 
V 
IC = 10µA, IB = 0 
BVEBO 
Emitter‐Base Breakdown Voltage 
6.2 
‐‐ 
‐‐ 
V 
IE = 10µA, IC = 0
2 
BVCCO 
Collector to Collector Voltage 
100 
‐‐ 
‐‐ 
V 
IC = 10µA, IE = 0 
 
hFE 
 
DC Current Gain 
200 
‐‐ 
‐‐ 
 
IC = 10µA, VCE = 5V 
200 
‐‐ 
‐‐ 
 
IC = 100µA, VCE = 5V 
200 
‐‐ 
‐‐ 
 
IC = 1mA, VCE = 5V 
VCE(SAT) 
Collector Saturation Voltage 
‐‐ 
‐‐ 
0.25 
V 
IC = 1mA, IB = 0.1mA 
IEBO 
Emitter Cutoff Current 
‐‐ 
‐‐ 
0.2 
nA 
IE = 0, VCB = 3V 
ICBO 
Collector Cutoff Current 
‐‐ 
‐‐ 
0.2 
nA 
IE = 0, VCB = 30V 
COBO 
Output Capacitance 
‐‐ 
‐‐ 
2 
pF 
IE = 0, VCB = 5V 
CC1C2 
Collector to Collector Capacitance 
‐‐ 
‐‐ 
2 
pF 
VCC = 0V 
IC1C2 
Collector to Collector Leakage Current 
‐‐ 
‐‐ 
0.5 
nA 
VCC = ±45V 
fT 
Current Gain Bandwidth Product 
200 
‐‐ 
‐‐ 
MHz 
IC = 1mA, VCE = 5V 
NF 
Narrow Band Noise Figure 
‐‐ 
‐‐ 
3 
dB 
IC = 100µA,  VCE = 5V, BW=200Hz, RG= 10KΩ,  
f = 1KHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The reverse base‐to‐emitter voltage must never exceed 6.2 volts; the reverse base‐to‐emitter current must never exceed 10µA. 
 
 
 
 
LS312
MONOLITHIC DUAL
NPN TRANSISTOR
LS312 Features:
Very high gain
Tight matching
Low Output Capacitance
The LS312 is a monolithic pair of NPN transistors
mounted in a single P-DIP package. The monolithic
dual chip design reduces parasitics and gives better
performance while ensuring extremely tight matching.
The 8 Pin P-DIP provides ease of manufacturing, and
the symmetrical pinout prevents improper orientation.
(See Packaging Information).
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
Available Packages:
LS312 in P-DIP
LS312 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
P-DIP (Top View)


Similar Part No. - LS312_P-DIP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS3126-2 LITTELFUSE-LS3126-2 Datasheet
609Kb / 7P
POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Micross Components
LS312_SOIC MICROSS-LS312_SOIC Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS312_SOT-23 MICROSS-LS312_SOT-23 Datasheet
272Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS312_TO-71 MICROSS-LS312_TO-71 Datasheet
284Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS312_TO-78 MICROSS-LS312_TO-78 Datasheet
284Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS312_P-DIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS120_TO-71 MICROSS-LS120_TO-71 Datasheet
289Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS120A_TO-71 MICROSS-LS120A_TO-71 Datasheet
290Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS120A_TO-78 MICROSS-LS120A_TO-78 Datasheet
290Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS124_SOT-23 MICROSS-LS124_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS303_SOT-23 MICROSS-LS303_SOT-23 Datasheet
271Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS310_PDIP MICROSS-LS310_PDIP Datasheet
276Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS310_TO-78 MICROSS-LS310_TO-78 Datasheet
284Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS311_SOIC MICROSS-LS311_SOIC Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS311_TO-71 MICROSS-LS311_TO-71 Datasheet
283Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS318_SOIC MICROSS-LS318_SOIC Datasheet
287Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com