Electronic Components Datasheet Search
  English  ▼

X  

SVC234 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC234
Description  Varactor Diode for FM Receiver Electronic Tuning Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC234 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC234 Datasheet HTML 1Page - Sanyo Semicon Device SVC234 Datasheet HTML 2Page - Sanyo Semicon Device SVC234 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC234
No.6085-2/3
Address and Capacitance Value [pF]
Address
C1.0V
Address
C3.0V
Address
C4.5V
Address
C6.5V
84
62.02 to 63.88
59
33.45 to 34.45
41
21.45 to 22.09
22
13.42 to 13.82
85
63.56 to 65.48
60
34.28 to 35.32
42
21.98 to 22.64
23
13.76 to 14.17
86
65.16 to 67.11
61
35.14 to 36.20
43
22.53 to 23.21
24
14.09 to 14.52
87
66.78 to 68.79
62
36.02 to 37.10
44
23.09 to 23.78
25
14.44 to 14.88
--------
---------------
63
36.92 to 38.02
45
23.67 to 24.38
26
14.81 to 15.26
--------
---------------
64
37.85 to 38.98
46
24.27 to 25.00
27
15.18 to 15.64
--------
---------------
65
38.79 to 39.96
47
24.87 to 25.61
28
15.56 to 16.03
--------
---------------
--------
---------------
48
25.50 to 26.26
--------
---------------
--------
---------------
--------
---------------
49
26.13 to 26.92
--------
---------------
--------
---------------
--------
---------------
50
26.78 to 27.59
--------
---------------
--------
---------------
--------
---------------
51
27.45 to 28.27
--------
---------------
Reverse Voltage, VR -- V
C, Q -- VR
01
2
3
4
56
78
1000
700
500
300
200
100
70
50
30
20
700
500
300
200
70
50
30
20
10
1000
100
10
IT00001
Quality factor Q (f=100MHz)
Interterminal capacitance C (f=1MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com