Electronic Components Datasheet Search
  English  ▼

X  

SVC241 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC241
Description  Varactor Diode For AM Up Conversion Tuning Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC241 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC241 Datasheet HTML 1Page - Sanyo Semicon Device SVC241 Datasheet HTML 2Page - Sanyo Semicon Device SVC241 Datasheet HTML 3Page - Sanyo Semicon Device SVC241 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Diffused Junction Type
Varactor Diode For AM Up Conversion Tuning Use
Ordering number:ENN6294
SVC241
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O0899GI (KT) No.6294–1/4
0.4
0.95 0.95
1.9
2.9
0.16
0 to 0.1
2
3
1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1169A
[SVC241]
Features
· Twin type with a good linearity of C-V characteristic.
Excels in large input characteristic.
· Small package (CP) allows the applied sets to be
compact and slim (surface mount type).
· High capacitance ratio (VR=2.0 to 8.0V).
· FM band VCO use.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
* : Capacitance value of one diode
Marking : VV
Anode
Anode
Cathode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
6
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=6
1V
*
)
e
d
o
i
d
e
n
O
(
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
1
=
0
5A
n
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
V
0
.
2
CVR
z
H
M
1
=
f
,
V
0
.
2
=4
.
8
60
.
6
7F
p
V
0
.
6
CVR
z
H
M
1
=
f
,
V
0
.
6
=5
.
5
22
.
6
3F
p
V
0
.
8
CVR
z
H
M
1
=
f
,
V
0
.
8
=4
.
9
14
.
4
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
0
0
1
=
f
,
V
0
.
3
=0
8
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CV
0
.
8
C
/
V
0
.
2
C1
.
3


Similar Part No. - SVC241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC241D-05A ETC1-SVC241D-05A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC241D-05A SAMWHA-SVC241D-05A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC241D-05B ETC1-SVC241D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC241D-07A ETC1-SVC241D-07A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC241D-07A SAMWHA-SVC241D-07A Datasheet
2Mb / 10P
SVC Varistors Type
More results

Similar Description - SVC241

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE618 NTE-NTE618 Datasheet
17Kb / 2P
Varactor Silicon Tuning Diode for AM Radio
logo
Sanyo Semicon Device
SVC253 SANYO-SVC253 Datasheet
45Kb / 2P
Varactor Diode for AM Up-Conversion
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC343 SANYO-SVC343 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC344 SANYO-SVC344 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC345 SANYO-SVC345 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC351 SANYO-SVC351 Datasheet
45Kb / 3P
Composite Varactor Diode for AM Receiver Electronic Tuning Use
SVC353 SANYO-SVC353 Datasheet
52Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use
SVC363 SANYO-SVC363 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com