Electronic Components Datasheet Search
  English  ▼

X  

LS320_TO-92 Datasheet(PDF) 1 Page - Micross Components

Part # LS320_TO-92
Description  Linear Systems High Input Impedance BiFET Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS320_TO-92 Datasheet(HTML) 1 Page - Micross Components

  LS320_TO-92 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
HIGH INPUT IMPEDANCE 
rGs ≥ = 100GΩ 
HIGH TRANSCONDUCTANCE 
YFS = 30,000µS 
ABSOLUTE MAXIMUM RATINGS 
1@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +125°C 
Maximum Power Dissipation 
Continuous Power Dissipation @ +125°C 
200mW 
Maximum Currents 
2.3mW/°C 
Drain Current 
ID = 25mA 
Maximum Voltages 
Drain to Source 
VDSO = 20V 
Gate to Source 
VGSS = 20V 
  
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
VDS 
Drain to Source Voltage ‐20 
‐‐ 
‐‐ 
V 
IDS = 100µA, VGS = 0 
VGS 
Collector to Source Voltage ‐12 ‐10 ‐7 
V 
IDS = 10mA, VGS = ‐10V
23 
gfs 
Common Source Forward 
Transconductance 
30000 
‐‐ 
‐‐ 
µS  
IDS = 10mA, VGS = ‐10V, f =1kHz 
 
goss 
Common Source Output Conductance 
‐‐ 
300 
‐‐ 
rGs 
Gate to Source Input Resistance 
100 
‐‐ 
‐‐ 
GΩ 
VGS = 0 to 20V, TJ to 125°C 
CISS 
Input Capacitance 
‐‐ 
8 
‐‐ 
pA 
IDS = 100µA, VDS = ‐10V 
CRSS 
Reverse Transfer Capacitance 
‐‐ 
1.5 
‐‐ 
pF 
IDS = 10mA, VGS = ‐10V 
en 
Noise Voltage 
‐‐ 
25 
‐‐ 
µV 
IDS = 10mA, VDS = 10V, BW = 50 to 15 kHz 
 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. The gate to source voltage must never exceed 100V, t < 10ms 
3. Additional screening available 
 
 
 
 
LS320
BiFET Amplifier
LS320 Features:
High Input Impedance
High Transconductance
The LS320 is a high input impedance amplifier
produced using a BiFET process and packaged in
TO-92.
The TO-92 package is well suited for cost sensitive
applications and mass production.
(See Packaging Information).
Linear Systems High Input Impedance BiFET Amplifier
Micross Components Europe
Available Packages:
LS320 in TO-92
LS320 in bare die.
Please contact Micross for full
package and die dimensions
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-92 (Bottom View)
Functional Schematic


Similar Part No. - LS320_TO-92

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS320_TO-72 MICROSS-LS320_TO-72 Datasheet
315Kb / 1P
BiFET Amplifier
More results

Similar Description - LS320_TO-92

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
93Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 1999
logo
Linear Integrated Syste...
LS320 LINEAR-LS320 Datasheet
177Kb / 1P
HIGH INPUT IMPEDANCE BiFET AMPLIFIER
logo
Intersil Corporation
HA-2515 INTERSIL-HA-2515 Datasheet
209Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2505 INTERSIL-HA-2505_03 Datasheet
328Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2600 INTERSIL-HA-2600_06 Datasheet
318Kb / 9P
12MHz, High Input Impedance Operational Amplifier
January 16, 2006
logo
Micross Components
LS320_SOT-23 MICROSS-LS320_SOT-23 Datasheet
295Kb / 1P
BiFET Amplifier
LS320_TO-72 MICROSS-LS320_TO-72 Datasheet
315Kb / 1P
BiFET Amplifier
LS320 MICROSS-LS320 Datasheet
295Kb / 1P
Linear Systems High Input Impedance BiFET Amplifier
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
12MHz, High Input Impedance, Operational Amplifier
May 2003
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
12MHz, High Input Impedance Operational Amplifier
January 16, 2006
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com