Electronic Components Datasheet Search
  English  ▼

X  

SVC245 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC245
Description  Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC245 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC245 Datasheet HTML 1Page - Sanyo Semicon Device SVC245 Datasheet HTML 2Page - Sanyo Semicon Device SVC245 Datasheet HTML 3Page - Sanyo Semicon Device SVC245 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Diffused Junction Type
Varactor Diode (IOCAP) for
FM Receiver Electronic Tuning
Ordering number:ENN6300A
SVC245
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O0899GI (KT) No.6300–1/4
0.4
0.95 0.95
1.9
2.9
0.16
0 to 0.1
2
3
1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1169A
[SVC245]
Features
· Twin type with a good linearity of C-V characteristic.
Excels in large input characteristic.
· Small package (CP), permitting SVC245-applied sets
to be compact and slim.
·Applicable to FM wide band due to high capacitance
ratio (VR=2.0 to 8.0V).
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
Marking : VV
Note )* : Capacitance value of one diode
Anode
Anode
Cathode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
6
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=6
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
1
=
0
5A
n
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
V
0
.
2
CVR
z
H
M
1
=
f
,
V
0
.
2
=5
4
.
8
64
9
.
5
7F
p
V
0
.
6
CVR
z
H
M
1
=
f
,
V
0
.
6
=0
5
.
5
20
2
.
6
3F
p
V
0
.
8
CVR
z
H
M
1
=
f
,
V
0
.
8
=3
4
.
9
18
3
.
4
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
0
0
1
=
f
,
V
0
.
3
=0
8
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CV
0
.
8
C
/
V
0
.
2
C1
.
3
e
c
n
a
r
e
l
o
T
g
n
i
h
c
t
a
M
∆ m
C
VR
z
H
M
1
=
f
,
V
0
.
2
=
0
.
3%
VR
z
H
M
1
=
f
,
V
0
.
6
=
0
.
3%
VR
n
i
m
C
/
)
n
i
m
C
-
x
a
m
C
(
,
z
H
M
1
=
f
,
V
0
.
8
=
× 0
0
10
.
3%


Similar Part No. - SVC245

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC241 SANYO-SVC241 Datasheet
28Kb / 4P
Varactor Diode For AM Up Conversion Tuning Use
logo
List of Unclassifed Man...
SVC241D-05A ETC1-SVC241D-05A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC241D-05A SAMWHA-SVC241D-05A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC241D-05B ETC1-SVC241D-05B Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC241D-07A ETC1-SVC241D-07A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC245

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC202 SANYO-SVC202 Datasheet
84Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC208 SANYO-SVC208 Datasheet
116Kb / 4P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC211SPA SANYO-SVC211SPA Datasheet
95Kb / 3P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC212 SANYO-SVC212 Datasheet
48Kb / 3P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC333 SANYO-SVC333 Datasheet
105Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC347 SANYO-SVC347 Datasheet
19Kb / 3P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com