Electronic Components Datasheet Search
  English  ▼

X  

SVC251SPA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC251SPA
Description  Varactor Diode for AFC, CB PLL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC251SPA Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC251SPA Datasheet HTML 1Page - Sanyo Semicon Device SVC251SPA Datasheet HTML 2Page - Sanyo Semicon Device SVC251SPA Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
22898HA (KT)/D1096GI (KOTO) /93094MO 8-4725/2279TA, TS No.774-1/3
SVC251SPA
Ordering number :EN774E
Varactor Diode for AFC, CB PLL
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Diffused Junction Type Sillicon Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=2
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR V
9
=
0
0
2A
n
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C
V
6
.
1
VR
z
H
M
1
=
f
,
V
6
.
1
=3
28
3F
p
C
V
0
.
5
VR
z
H
M
1
=
f
,
V
0
.
5
=1
19
1F
p
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CC
V
6
.
1
C
/
V
0
.
5
7
.
1
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Ss
rV
,
z
H
M
0
5
=
f
R
V
1
=6
.
0
Ω
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
2
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
0
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
0
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1184
[SVC251SPA]
Electrical Characteristics at Ta = 25˚C
Features
· The SVC251SPA is a varactor diode of hyper abrupt
junction structure fabricated with ion implantation
technology. It is intended for use in AFC, CB PLL
VCO cicuitry.
· High Q
· High capacitance ratio
˚C
˚C
C:Cathode
A:Anode
SANYO:SPA


Similar Part No. - SVC251SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC252 SANYO-SVC252 Datasheet
54Kb / 3P
Varactor Diode for AFC, CB PLL
SVC253 SANYO-SVC253 Datasheet
45Kb / 2P
Varactor Diode for AM Up-Conversion
More results

Similar Description - SVC251SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC224 SANYO-SVC224 Datasheet
19Kb / 3P
Varactor Diode for VCO
SVC252 SANYO-SVC252 Datasheet
54Kb / 3P
Varactor Diode for AFC, CB PLL
logo
Semtech Corporation
1S2638 SEMTECH-1S2638 Datasheet
83Kb / 2P
TUNER AFC DIODE
FV1043 SEMTECH-FV1043 Datasheet
98Kb / 2P
TUNER AFC DIODE
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704 Datasheet
29Kb / 3P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710 Datasheet
41Kb / 4P
Silicon Diffused Junction Type Varactor Diode for AFC, VCO
logo
SEMTECH ELECTRONICS LTD...
1S2638 SEMTECH_ELEC-1S2638 Datasheet
149Kb / 2P
TUNER AFC DIODE
logo
Sanyo Semicon Device
SVC704 SANYO-SVC704_09 Datasheet
435Kb / 6P
Silicon Diffused Junction Type Varactor Diode Varactor Diode for AFC, VCO
SVC704 SANYO-SVC704_12 Datasheet
435Kb / 6P
Varactor Diode for AFC, VCO
SVC710 SANYO-SVC710_12 Datasheet
437Kb / 6P
Varactor Diode for AFC, VCO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com