Electronic Components Datasheet Search
  English  ▼

X  

SVC325 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC325
Description  Varactor Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC325 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC325 Datasheet HTML 1Page - Sanyo Semicon Device SVC325 Datasheet HTML 2Page - Sanyo Semicon Device SVC325 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC325
No.6649-1/3
Features
•
Miniaturization and high-integration of tuner sets
can be easily achieved due to the small package.
•
High capacitance ratio and high quality factor.
•
Surface mount type.
Electrical Connection
Specifications
Absolute Maximum Ratings at Tc=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Tc=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
max
Breakdown Voltage
V(BR)R
IR=10µA16
V
Reverse Current
IR
VR=9V
100
nA
C1.2V
VR=1.2V, f=1MHz*
388.1
459.1
pF
Interterminal Capacitance
C3.5V
VR=3.5V, f=1MHz
144.2
192.1
pF
C6.0V
VR=6.0V, f=1MHz
45.71
60.91
pF
C8.0V
VR=8.0V, f=1MHz
20.30
27.05
pF
Quality Factor
Q
VR=1.0V, f=1MHz
200
Capacitance Ratio
CR
C1.2V / C8.0V, f=1MHz
15.5
Marking : V2
Note)*1
1MHz signal : 20mVrms
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SVC325
Varactor Diode
Package Dimensions
unit : mm
1303
1 : NC
2 : Anode
3 : Cathode
SANYO : CPH3
0.05
1.9
1
2
3
2.9
0.15
0.4
[SVC325]
92500 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NC
A
C
Ordering number : ENN6649
Diffused Junction Type Silicon Diode


Similar Part No. - SVC325

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC323 SANYO-SVC323 Datasheet
62Kb / 4P
Varactor Diode for AM Low-Voltage Electronic Tuning
logo
Suntsu Electronics, Inc...
SVC32C SUNTSU-SVC32C Datasheet
699Kb / 4P
Ceramic SMT 4 Pad CMOS VCXO
SVC32C1A07A SUNTSU-SVC32C1A07A Datasheet
699Kb / 4P
Ceramic SMT 4 Pad CMOS VCXO
SVC32C1A07B SUNTSU-SVC32C1A07B Datasheet
699Kb / 4P
Ceramic SMT 4 Pad CMOS VCXO
More results

Similar Description - SVC325

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
Varactor Diode
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
REV. A
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
New Japan Radio
NJX1560 NJRC-NJX1560 Datasheet
57Kb / 3P
VARACTOR DIODE
logo
ON Semiconductor
SVC710 ONSEMI-SVC710 Datasheet
334Kb / 6P
Single Varactor Diode
September, 2013
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV218 RENESAS-1SV218 Datasheet
190Kb / 4P
VARACTOR DIODE
1988
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com