Electronic Components Datasheet Search
  English  ▼

X  

SVC343 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC343
Description  Varactor Diode for AM Low-Voltage Electronic Tuning
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC343 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC343 Datasheet HTML 1Page - Sanyo Semicon Device SVC343 Datasheet HTML 2Page - Sanyo Semicon Device SVC343 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33098HA (KT)/90696GI/41194YH (KOTO)/BX-0705 No.4651-1/3
SVC343
Ordering number :EN4651A
Varactor Diode
for AM Low-Voltage Electronic Tuning
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Diffused Junction Type
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=0
3V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
2
=
0
0
1A
n
1
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C
V
0
.
1
VR
2
*
z
H
M
1
=
f
,
V
0
.
1
=0
.
0
1
40
.
0
3
40
.
5
4
4F
p
C
V
0
.
3
VR
z
H
M
1
=
f
,
V
0
.
3
=0
.
0
70
.
5
90
.
0
2
1F
p
C
V
5
.
4
VR
z
H
M
1
=
f
,
V
5
.
4
=0
.
1
25
.
3
20
.
6
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
1
=
f
,
V
0
.
1
=0
0
2
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CC
V
0
.
1
C
/
V
5
.
4
0
.
5
1
3
*
e
c
n
a
r
e
l
o
T
g
n
i
h
c
t
a
M
∆Cm1VR
z
H
M
1
=
f
,
V
0
.
1
=
0
.
2%
∆Cm2VR
z
H
M
1
=
f
,
V
0
.
3
=
0
.
3%
∆Cm3VR
z
H
M
1
=
f
,
V
5
.
4
=
0
.
3%
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RR
V
0
3V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1222A
[SVC343]
1:Anode
2:Cathode
3:Anode
SANYO:PCP
(Bottom view)
Electrical Characteristics at Ta = 25˚C
Note)*1:The value of interterminal capacitance represent the average of measurements for tow elements.
Note)*2:1MHz signal:20mVrms
Note)*3:
∆Cm=(Cmax–Cmin)/Cmin×100 Between D1 and D2
Note) The specifications shown above are for each individual diode.
· Marking:VC
Features
· Twin type varactor diode for low-voltage AM
electronic tuning applications.
· Low voltage (4.5V).
· High Q
· Packing on continuous tape is available.
· Surface mount type.
˚C
˚C
Electrical Connection
1:Anode
2:Cathode
3:Anode


Similar Part No. - SVC343

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC341 SANYO-SVC341 Datasheet
46Kb / 3P
Varactor Diode for Receiver Electronic Tuning Use
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC344 SANYO-SVC344 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC345 SANYO-SVC345 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC346 SANYO-SVC346 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
More results

Similar Description - SVC343

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC323 SANYO-SVC323 Datasheet
62Kb / 4P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC344 SANYO-SVC344 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC345 SANYO-SVC345 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC346 SANYO-SVC346 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC352 SANYO-SVC352 Datasheet
53Kb / 3P
Composite Varactor Diode, for AM Low-Voltage Electronic Tuning
SVC353 SANYO-SVC353 Datasheet
52Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use
SVC354 SANYO-SVC354 Datasheet
56Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
SVC363 SANYO-SVC363 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Use
SVC371 SANYO-SVC371 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com