Electronic Components Datasheet Search
  English  ▼

X  

LSJ201 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ201
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ201 Datasheet(HTML) 1 Page - Micross Components

  LSJ201 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J201 
LOW CUT OFF VOLTAGE 
VGS(off) ≤ 1.5 
HIGH GAIN 
AV = 80 V/V 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Forward Gate Current (Note 1) 
50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = ‐40V 
Gate to Source Voltage 
VGSS = ‐40V 
  
 
 
LSJ201 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐40 
‐‐ 
‐‐ 
 
V 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐0.3 
‐‐ 
‐1.5 
VDS = 15V, ID = 10nA 
IDSS 
Drain to Source Saturation Current (Note 2) 
0.2 
‐‐ 
1 
mA 
VDS = 15V,  VGS = 0V 
IGSS 
Gate Reverse Current ‐2 
‐‐ 
‐100  
pA 
VGS = ‐20V,  VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐2 
‐‐ 
VDG = 10V,  ID = 0.1mA 
ID(off) 
Drain Cutoff Current 
‐‐ 
 2 
‐‐ 
VDS = 15V, VGS = ‐5V 
gfs 
Forward Transconductance 
0.5 
‐‐ 
‐‐ 
mS 
VDS = 15V,   VGS = 0V , f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
4.5 
‐‐ 
pF 
VDS = 15V, VGS = 0V, f = 1MHz 
 
Crss 
Reverse Transfer Capacitance 
‐‐ 
1.3 
‐‐ 
en 
Equivalent Noise Voltage 
‐‐ 
6 
‐‐ 
nV/√Hz 
VDS = 10V,  ID = 1mA , f = 1kHz 
Micross Components Europe
Available Packages:
LSJ201 in SOT-23
LSJ201 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which LSJ201 serviceability may be impaired.  
Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3% 
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
LSJ201
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J201
The LSJ201 is a high gain N-Channel JFET
This n-channel JFET is optimised for high gain. The
part is particularly suitable for use in low power or high
impedance amplifiers. The SOT-23 package is well
suited for cost sensitive applications and mass
production.
(See Packaging Information).
LSJ201 Applications:
Battery powered amplifiers
Audio Pre-Amplifiers
Infra-Red Detector Amplifiers
LSJ201 Benefits:
High Input Impedance
Low Cutoff Voltage
Low Noise
SOT-23 (Top View)


Similar Part No. - LSJ201

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ201 MICROSS-LSJ201 Datasheet
277Kb / 1P
N-CHANNEL JFET
LSJ201_TO-92 MICROSS-LSJ201_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LSJ201

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com