Electronic Components Datasheet Search
  English  ▼

X  

SVC383 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC383
Description  AM Low Voltage Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC383 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC383 Datasheet HTML 1Page - Sanyo Semicon Device SVC383 Datasheet HTML 2Page - Sanyo Semicon Device SVC383 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Diffused Junction Type Silicon Composite Varactor
AM Low Voltage Electronic Tuning Applications
Ordering number:ENN6264
SVC383
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
73099GI (KT) No.6264–1/3
0.05
1.9
1
2
3
2.9
0.15
0.4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1293
[SVC383]
Features
· Twin type varactor diode for low-voltage AM
electronic tuning use.
· Low voltage (6.5V).
· High Q.
· Possible to offer the SVC383 devices in a tape reel
packaging.
· Surface mount type.
· Small-sized package, permitting SVC383-applied
sets to be compact and slim.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Anode
2 : Anode
3 : Cathode
SANYO : CPH3
*1 : The values of interterminal capacitance represent the average of measurements for two elements.
*2 : 1MHz signal : 20mVrms
* : SVC383 are classified by C1V as right :
Marking : V3
Capacitance rank : S, T
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
3
3V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=3
3V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
2
=
0
0
1A
n
1
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
C V
1
VR
2
*
z
H
M
1
=
f
,
V
1
=*
2
8
4*
0
4
5F
p
C
V
5
.
4
VR
z
H
M
1
=
f
,
V
5
.
4
=4
6F
p
C
V
5
.
6
VR
z
H
M
1
=
f
,
V
5
.
6
=1
27
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
1
=
f
,
V
1
=0
0
2
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CC V
1
C
/
V
5
.
6
5
.
7
15
.
4
2
e
c
n
a
r
e
l
o
T
g
n
i
h
c
t
a
M
∆ m
C
n
i
m
C
/
)
n
i
m
C
–
x
a
m
C
(
× 0
0
1
V
)
2
D
d
n
a
1
D
n
e
e
w
t
e
B
(
R
V
5
.
6
o
t
V
1
=
0
.
2%
k
n
a
RC V
1
)
F
p
(
S5
1
5
o
t
2
8
4
T0
4
5
o
t
5
0
5
Anode
Anode
Cathode


Similar Part No. - SVC383

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC381 SANYO-SVC381 Datasheet
24Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC384 SANYO-SVC384 Datasheet
28Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC385 SANYO-SVC385 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC386 SANYO-SVC386 Datasheet
25Kb / 3P
Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
SVC388 SANYO-SVC388 Datasheet
27Kb / 3P
Hyper-Abrupt Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
More results

Similar Description - SVC383

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC323 SANYO-SVC323 Datasheet
62Kb / 4P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC343 SANYO-SVC343 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC344 SANYO-SVC344 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC345 SANYO-SVC345 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC348 SANYO-SVC348 Datasheet
28Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC354 SANYO-SVC354 Datasheet
56Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
SVC371 SANYO-SVC371 Datasheet
54Kb / 3P
Composite Varactor Diode for AM Receiver Low-Voltage Electronic Tuning Applications
SVC384 SANYO-SVC384 Datasheet
28Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC381 SANYO-SVC381 Datasheet
24Kb / 3P
AM Low Voltage Electronic Tuning Applications
SVC389-TL-E SANYO-SVC389-TL-E Datasheet
35Kb / 3P
AM Low Voltage Electronic Tuning Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com