Electronic Components Datasheet Search
  English  ▼

X  

TND017SW Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND017SW
Description  Lowside Power Switch Lamp, Solenoid, and Motor-Driving Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017SW Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND017SW Datasheet HTML 1Page - Sanyo Semicon Device TND017SW Datasheet HTML 2Page - Sanyo Semicon Device TND017SW Datasheet HTML 3Page - Sanyo Semicon Device TND017SW Datasheet HTML 4Page - Sanyo Semicon Device TND017SW Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
ExPD (Excellent Power Device)
Lowside Power Switch
Lamp, Solenoid, and Motor-Driving Applications
Ordering number:ENN6481A
TND017MP, TND017SW
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12501TS TA-3183/42000TS (KOTO) TA-2832 No.6481–1/5
Absolute Maximum Ratings at Ta = 25˚C
Features
· N-channel MOSFET built in.
· Overheat protection.
· Overcurrent protection.
(Self recovery type current
limiting function)
· Overvoltage protection.
· TND017SW incorporates two
sets of circuit.
Package Dimensions
Unit:mm
2145
[TND017MP]
Package Dimensions
Unit:mm
2181
[TND017SW]
1 : GND1
2 : IN1
3 : GND2
4 : IN2
5 : OUT2
6 : OUT2
7 : OUT1
8 : OUT1
SANYO : SOP8
1 : GND
2 : OUT
3 : IN
SANYO : MP
˚C
˚C
˚C
0.5
0.6
0.5
5.0
6.0
4.7
1.45
1.45
1 23
0.5
14
5
8
0.2
5.0
0.595
1.27
0.43
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV S
D
0
6V
t
n
e
r
r
u
C
t
u
p
t
u
OIO
)
C
D
(
5
.
1A
e
g
a
t
l
o
V
t
u
p
n
IV N
I
0
1
+
o
t
3
.
0
–V
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
P
M
7
1
0
D
N
T
0
.
1W
W
S
7
1
0
D
N
T
7
.
1W
W
S
7
1
0
D
N
T
0
.
2W
e
g
a
t
l
o
V
y
l
p
p
u
S
g
n
i
t
a
r
e
p
OV S
D
)
r
p
o
(
0
4V
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
Or
p
o
T
5
8
+
o
t
0
4
–
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
d
e
t
i
m
i
L
y
ll
a
n
r
e
t
n
I
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Mounted on a ceramic board (1200mm2
×0.8mm) 1unit
Mounted on a ceramic board (1200mm2
×0.8mm)


Similar Part No. - TND017SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND017SW SANYO-TND017SW Datasheet
78Kb / 6P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results

Similar Description - TND017SW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND020F SANYO-TND020F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND024F SANYO-TND024F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND012NM SANYO-TND012NM Datasheet
41Kb / 4P
Lamp, solenoid, and motor-driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
TND017MP SANYO-TND017MP_07 Datasheet
78Kb / 6P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com