Electronic Components Datasheet Search
  English  ▼

X  

MCP16301 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP16301
Description  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP16301 Datasheet HTML 14Page - Microchip Technology MCP16301 Datasheet HTML 15Page - Microchip Technology MCP16301 Datasheet HTML 16Page - Microchip Technology MCP16301 Datasheet HTML 17Page - Microchip Technology MCP16301 Datasheet HTML 18Page - Microchip Technology MCP16301 Datasheet HTML 19Page - Microchip Technology MCP16301 Datasheet HTML 20Page - Microchip Technology MCP16301 Datasheet HTML 21Page - Microchip Technology MCP16301 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MCP16301
DS25004A-page 18
© 2011 Microchip Technology Inc.
5.4
Input Capacitor Selection
The step-down converter input capacitor must filter the
high input ripple current, as a result of pulsing or
chopping the input voltage. The MCP16301 input
voltage pin is used to supply voltage for the power train
and as a source for internal bias. A low equivalent
series
resistance
(ESR),
preferably
a
ceramic
capacitor,
is
recommended.
The
necessary
capacitance is dependent upon the maximum load
current and source impedance. Three capacitor
parameters to keep in mind are the voltage rating,
equivalent series resistance and the temperature
rating. For wide temperature range applications, a
multi-layer X7R dielectric is recommended, while for
applications with limited temperature range, a multi-
layer X5R dielectric is acceptable. Typically, input
capacitance between 4.7 µF and 10 µF is sufficient for
most applications. For applications with 100 mA to
200 mA load, a 1 µF X7R capacitor can be used,
depending on the input source and its impedance.
The input capacitor voltage rating should be a minimum
of
VIN
plus
margin.
Table 5-2
contains
the
recommended range for the input capacitor value.
5.5
Output Capacitor Selection
The output capacitor helps in providing a stable output
voltage during sudden load transients, and reduces the
output voltage ripple. As with the input capacitor, X5R
and X7R ceramic capacitors are well suited for this
application.
The MCP16301 is internally compensated, so the
output capacitance range is limited. See Table 5-2 for
the recommended output capacitor range.
The amount and type of output capacitance and equiv-
alent series resistance will have a significant effect on
the output ripple voltage and system stability. The
range of the output capacitance is limited due to the
integrated compensation of the MCP16301.
The output voltage capacitor voltage rating should be a
minimum of VOUT, plus margin.
Table 5-2 contains the recommended range for the
input and output capacitor value:
5.6
Inductor Selection
The MCP16301 is designed to be used with small sur-
face mount inductors. Several specifications should be
considered prior to selecting an inductor. To optimize
system performance, the inductance value is deter-
mined by the output voltage (Table 5-1) so the inductor
ripple current is somewhat constant over the output
voltage range.
EQUATION 5-4:
INDUCTOR RIPPLE
CURRENT
EXAMPLE 5-3:
EQUATION 5-5:
INDUCTOR PEAK
CURRENT
An inductor saturation rating minimum of 760 mA is
recommended. Low ESR inductors result in higher
system efficiency. A trade-off between size, cost and
efficiency is made to achieve the desired results.
TABLE 5-2:
CAPACITOR VALUE RANGE
Parameter
Min
Max
CIN
2.2 µF
none
COUT
20 µF
none
Δ
I
L
V
L
L
------t
ON
×
=
VIN =12V
VOUT =3.3V
IOUT =600 mA
I
LPK
ΔI
L
2
--------
I
OUT
+
=
Inductor ripple current = 319 mA
Inductor peak current = 760 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com