Electronic Components Datasheet Search
  English  ▼

X  

TND024MP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND024MP
Description  Lamp-, solenoid-, and motor-driving Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND024MP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND024MP Datasheet HTML 1Page - Sanyo Semicon Device TND024MP Datasheet HTML 2Page - Sanyo Semicon Device TND024MP Datasheet HTML 3Page - Sanyo Semicon Device TND024MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
ExPD (Excellent Power Device)
Lamp-, solenoid-, and motor-driving Applications
Ordering number:ENN6035A
TND024F, TND024MP
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12501TS TA-3187/51099TS (KOTO) TA-1744, 1749 No.6035–1/4
Absolute Maximum Ratings at Ta = 25˚C
Features
· N-channel MOSFET built in.
· Overheat protection.
· Overcurrent protection.
· Overvoltage protection.
Electrical Characteristics at Ta = 25˚C
Package Dimensions
Unit:mm
2154
[TND024F]
Package Dimensions
Unit:mm
2145
[TND024MP]
˚C
˚C
˚C
Continued on next page.
0.5
0.6
0.5
5.0
6.0
4.7
1.45
1.45
1 23
0.5
10.5
1.2
1.6
0.5
2.5
2.5
4.5
1.2
1.4
2.6
1.9
0.5
12
3
1 : GND
2 : OUT
3 : IN
SANYO : FLP
1 : GND
2 : OUT
3 : IN
SANYO : MP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV S
D
)
C
D
(
0
6V
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
t
u
p
t
u
O
IO
)
C
D
(F
4
2
0
D
N
T
5
.
2A
IO
)
C
D
(P
M
4
2
0
D
N
T
0
.
2A
e
g
a
t
l
o
V
t
u
p
n
IV N
I
0
1
+
o
t
3
.
0
–V
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
F
4
2
0
D
N
T
5
.
1W
PD
P
M
4
2
0
D
N
T
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
Or
p
o
T
0
5
1
+
o
t
0
4
–
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
p
m
a
l
C
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV S
D
p
m
a
l
cV N
I
I
,
0
=
O
A
m
1
=0
6V
t
n
e
r
r
u
C
F
F
O
-
t
u
p
t
u
O
I
S
S
D
)
1
(V N
I
V
,
0
=
S
D
V
0
5
=0
0
1A
µ
I
S
S
D
)
2
(V N
I
V
,
0
=
S
D
V
2
1
=
0
1A
µ
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
t
u
p
n
I
V N
I
)
h
t
(V S
D
I
,
V
5
=
O
A
m
1
=
0
.
15
.
2V
e
c
n
a
t
s
i
s
e
R
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DR S
D
)
n
o
(V N
I
I
,
V
5
=
O
A
1
=
2
.
0
Ω


Similar Part No. - TND024MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND020 SANYO-TND020 Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND020F SANYO-TND020F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND020MP SANYO-TND020MP Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022MP SANYO-TND022MP Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
More results

Similar Description - TND024MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND020F SANYO-TND020F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND022F SANYO-TND022F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND023F SANYO-TND023F Datasheet
46Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND025F SANYO-TND025F Datasheet
45Kb / 4P
Lamp-, solenoid-, and motor-driving Applications
TND012NM SANYO-TND012NM Datasheet
41Kb / 4P
Lamp, solenoid, and motor-driving Applications
TND027MP SANYO-TND027MP Datasheet
33Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW Datasheet
51Kb / 6P
Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
TND017MP SANYO-TND017MP_07 Datasheet
78Kb / 6P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027MP SANYO-TND027MP_08 Datasheet
58Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
TND027SW SANYO-TND027SW_11 Datasheet
387Kb / 5P
Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com