Electronic Components Datasheet Search
  English  ▼

X  

TS7992 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TS7992
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TS7992 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TS7992 Datasheet HTML 1Page - Sanyo Semicon Device TS7992 Datasheet HTML 2Page - Sanyo Semicon Device TS7992 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of April, 1998. Specifications and information herein are subject to
change without notice.
TS7992
PS No.5961-3/3
P
C =75W
I C
I CP
100
µ
s
300
µ
s
D
C
operation
Tc=25˚C
1 pulse
0.1
0.01
2
3
5
7
2
3
5
7
2
3
5
7
1.0
10
2
3
5
7
100
100
35 7 10
1.0
23
5 7
23
5 7
2
1000
1.0
2
3
5
7
2
3
5
2
3
5
7
10
7
2
3
5
100
7
0.1
0.01
10
1.0
35 7
1000
57
100
35 7
2
23
23
2
Forward Bias A S O
Reverse Bias A S O
L=100
µH
IB2=–5A
Tc=25˚C
1pulse
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
20
10
30
70
75
80
40
50
60
0
2.0
3.0
1.0
4.0
PC - Ta
PC - Tc
No
heat
sink
Ambient Temperature, Ta – ˚C
Case Temperature, Tc – ˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com