Electronic Components Datasheet Search
  English  ▼

X  

VP453 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VP453
Description  CRT Display Video Output Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP453 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VP453 Datasheet HTML 1Page - Sanyo Semicon Device VP453 Datasheet HTML 2Page - Sanyo Semicon Device VP453 Datasheet HTML 3Page - Sanyo Semicon Device VP453 Datasheet HTML 4Page - Sanyo Semicon Device VP453 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No. 5477-4/5
VP453
Sample Thermal Design for the VP453
Conditions: For an fH = 95 kHz class monitor, fV = 120 MHz (clock).
VCC = 80 V, VOUT = 40 Vp-p (CL = 10 pF)
Here we consider the case where such a monitor is to be operated at ambient temperatures up to Ta = 60°C and at a
maximum frequency of f = 100 MHz (clock).
As mentioned previously, the chips with the maximum loss will be transistors 3 and 4 in the emitter-follower stage.
Equation (5) follows from deriving that value from the figure below and equation (3).
PC (Tr3, 4)f = 120 MHz = 6.9 × 0.25 ≈ 1.72 [W] ......................................................(5)
However, the actual usage conditions include a blanking period. If we calculate the power during this period
approximately at a 1-MHz power ratio, from Pd – f(clock) and PC (Tri)Ratio – f (clock) figures, we see that PC (BLK) for
transistors 3 and 4 will be:
PC BLK (Tr3, 4) = 2.6 × 0.08 = 0.21 [W].............................................................. (6)
If the blanking period is 20% of the total, from the data of equation (5) and formula (6) we see that the loss in transistors
3 and 4 will be:
PC (Tr3, 4) = PC (Tr3, 4) f = 120 MHz × 0.8 + PCBLK (Tr3, 4) × 0.2 ≈ 1.42 [W] ...(7)
Next, applying the value of
θj–c to equation (7), shows ∆Tj to be:
∆Tj = 1.42 × 35 ≈ 50 [°C]
Since
∆Tj ≤ 50°C, it suffices to only consider the Tc ≤ 100°C condition in the thermal design. That is, in the thermal
design we design
θh so that Tc will be under 100°C when Pd (total) = Pd (1ch) × 3 for the time when all three channels
are operating at their maximum levels.
∆Tc will be: ∆Tc = 100 – 60 = 40°C
θh = ∆Tc ÷ Pd (total) = 40 ÷ {(6.9 × 0.8 + 3.5 × 0.2) × 3} = 2.1
Thus:
θh = 2.1°C/W
In actual use, due to the actual ambient temperature, the operating conditions, and other factors, it will be possible to use
a heat sink smaller than the one required by the above design. Users should design an optimal heat sink using the data
presented above and their actual conditions.
VCC (V)
VOUT (V)
VO (center)
80
40
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com