Electronic Components Datasheet Search
  English  ▼

X  

HCS361 Datasheet(PDF) 31 Page - Microchip Technology

Part # HCS361
Description  KEELOQ짰 Code Hopping Encoder incorporates high security,
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 31 Page - Microchip Technology

Back Button HCS361_11 Datasheet HTML 27Page - Microchip Technology HCS361_11 Datasheet HTML 28Page - Microchip Technology HCS361_11 Datasheet HTML 29Page - Microchip Technology HCS361_11 Datasheet HTML 30Page - Microchip Technology HCS361_11 Datasheet HTML 31Page - Microchip Technology HCS361_11 Datasheet HTML 32Page - Microchip Technology HCS361_11 Datasheet HTML 33Page - Microchip Technology HCS361_11 Datasheet HTML 34Page - Microchip Technology HCS361_11 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
© 2011 Microchip Technology Inc.
DS40146F-page 31
HCS361
TABLE 9-6:
TIMING PARAMETERS: VPWM MODE (BSEL=0)
TABLE 9-7:
TIMING PARAMETERS: VPWM MODE (BSEL=1)
VDD = +2.0 to 6.6V
Commercial
(C): Tamb = 0
° C to +70° C
Industrial
(I): Tamb = -40
° C to +85° C
Code Words Transmitted
Shortest
Longest
Symbol
Characteristic
Min
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
260
400
620
260
400
620
μs
TP
Preamble duration
28
28
TE
TS
Sync Pulse duration
10
10
TE
TH
Header duration
10
10
TE
THOP
Hopping code duration
32
64
TE
TFIX
Fixed code duration
35
70
TE
TG
Guard Time
114
114
TE
⎯
Total Transmit Time
229
296
TE
⎯
Total Transmit Time
59.5
91.6
141.9
76.9
118.4
183.5
ms
⎯
VPWM data rate
3846
2500
1613
3846
2500
1613
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0 to 6.6V
Commercial
(C): Tamb = 0
° C to +70° C
Industrial
(I): Tamb = -40
° C to +85° C
Code Words Transmitted
Shortest
Longest
Symbol
Characteristic
Min
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
130
200
310
130
200
310
μs
TP
Preamble duration
28
28
TE
TS
Sync Pulse duration
10
10
TE
TH
Header duration
10
10
TE
THOP
Hopping code duration
32
64
TE
TFIX
Fixed code duration
35
70
TE
TG
Guard Time
226
226
TE
⎯
Total Transmit Time
341
408
TE
⎯
Total Transmit Time
44.3
68.2
105.7
53.0
81.6
126.4
ms
⎯
VPWM data rate
7692
5000
3226
7692
5000
3226
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com