Electronic Components Datasheet Search
  English  ▼

X  

VP603 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # VP603
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VP603 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  VP603 Datasheet HTML 1Page - Sanyo Semicon Device VP603 Datasheet HTML 2Page - Sanyo Semicon Device VP603 Datasheet HTML 3Page - Sanyo Semicon Device VP603 Datasheet HTML 4Page - Sanyo Semicon Device VP603 Datasheet HTML 5Page - Sanyo Semicon Device VP603 Datasheet HTML 6Page - Sanyo Semicon Device VP603 Datasheet HTML 7Page - Sanyo Semicon Device VP603 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sample Application Circuit
1. Mounting in the CRT neck
Note: * This RC matching circuit is provided to match the IC internal impedance with the output load impedance. When the IC is mounted in the CRT neck,
this circuit can be removed if the total CL (load capacitance) is under 10 pF.
2. Cable transmission (separate boards)
Mounting location for the C, G matching circuit
Add the RC matching circuit at a position as close as possible to the VP603 output pin.
Thermal Design for the VP603
Since the VP603 is a three-channel device, we first consider a single channel. The chip temperature of each transistor
during actual operation is determined using the following formula.
Tj = (Tri) =
θj-c (Tri) × Pc (Tri) + ∆Tc + Ta [°C] .................................. (1)
θj-c (Tri): Thermal resistance of an individual transistor
Pc (Tri):
Collector loss for an individual transistor
∆Tc:
Case temperature rise
Ta:
Ambient temperature
No. 5542-4/8
VP603



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com