Electronic Components Datasheet Search
  English  ▼

X  

HCS500 Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS500_11 Datasheet HTML 19Page - Microchip Technology HCS500_11 Datasheet HTML 20Page - Microchip Technology HCS500_11 Datasheet HTML 21Page - Microchip Technology HCS500_11 Datasheet HTML 22Page - Microchip Technology HCS500_11 Datasheet HTML 23Page - Microchip Technology HCS500_11 Datasheet HTML 24Page - Microchip Technology HCS500_11 Datasheet HTML 25Page - Microchip Technology HCS500_11 Datasheet HTML 26Page - Microchip Technology HCS500_11 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
HCS500
© 2011 Microchip Technology Inc.
DS40153D-page 23
9.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Ambient temperature under bias............................................................................................................ -40°C to +125°C
Storage temperature ..............................................................................................................................-65 °C to +150°C
Voltage on any pin with respect to VSS (except VDD)........................................................................ -0.6V to VDD +0.6V
Voltage on VDD with respect to Vss...................................................................................................................0 to +7.5V
Total power dissipation (Note)..............................................................................................................................700 mW
Maximum current out of VSS pin ...........................................................................................................................200 mA
Maximum current into VDD pin ..............................................................................................................................150 mA
Input clamp current, IIK (VI < 0 or VI > VDD) .........................................................................................................± 20 mA
Output clamp current, IOK (VO < 0 or VO >VDD) ..................................................................................................± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin.....................................................................................................25 mA
Note:
Power dissipation is calculated as follows: PDIS = VDD x {IDD -
∑IOH} + ∑{(VDD–VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com