Electronic Components Datasheet Search
  English  ▼

X  

HCS362 Datasheet(PDF) 44 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 44 Page - Microchip Technology

Back Button HCS362_11 Datasheet HTML 38Page - Microchip Technology HCS362_11 Datasheet HTML 39Page - Microchip Technology HCS362_11 Datasheet HTML 40Page - Microchip Technology HCS362_11 Datasheet HTML 41Page - Microchip Technology HCS362_11 Datasheet HTML 42Page - Microchip Technology HCS362_11 Datasheet HTML 43Page - Microchip Technology HCS362_11 Datasheet HTML 44Page - Microchip Technology HCS362_11 Datasheet HTML 45Page - Microchip Technology HCS362_11 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
HCS362
DS40189E-page 44
© 2011 Microchip Technology Inc.
HCS362 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Package:
P = Plastic DIP (300 mil body), 8-lead
SN = Plastic SOIC (150 mil body), 8-lead
ST = Plastic TSSOP (4.4mm body), 8-lead
Temperature
I = –40 °C to +85 °C
Range:
Device:
HCS362
Code Hopping Encoder
HCS362T
Code Hopping Encoder (Tape and Reel)
HCS362 — X/X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com