Electronic Components Datasheet Search
  English  ▼

X  

HCS365 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS365
Description  KEELOQ짰 Code Hopping Encoder Crypt keys are read protected
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS365 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS365_11 Datasheet HTML 6Page - Microchip Technology HCS365_11 Datasheet HTML 7Page - Microchip Technology HCS365_11 Datasheet HTML 8Page - Microchip Technology HCS365_11 Datasheet HTML 9Page - Microchip Technology HCS365_11 Datasheet HTML 10Page - Microchip Technology HCS365_11 Datasheet HTML 11Page - Microchip Technology HCS365_11 Datasheet HTML 12Page - Microchip Technology HCS365_11 Datasheet HTML 13Page - Microchip Technology HCS365_11 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
HCS365
DS41109E-page 10
© 2011 Microchip Technology Inc.
TABLE 3-3:
DEVICE OPTIONS
3.1
Dual Encoder Operation
The HCS365 contains two transmitter configurations
with separate serial numbers, encoder keys, discrimi-
nation values, counters, and seed values. This means
that the HCS365 can be used as two independent
encoders. The code word is calculated using one of two
possible encoder configurations. Most options for code
word and modulation formats can be different from
Encoder 1 and Encoder 2. However, LED and RF
transmitter options have to be the same. The SHIFT
input pin is used to select between the encoder config-
urations. A low on the SHIFT pin will select Encoder 1
and a high will select Encoder 2.
Symbol
Address
16:Bits
Description(1)
Reference
Section
WAKE
3F: ---- --10
Wake-up(1)
Value
2
Value
4.1
00
No Wake-up
01
75 ms 50%
10
50 ms 33.3%
11
100 ms 16.7%
CNTSEL
3F: ---- -2--
Counter Select
16 bits = 0
20 bits = 1
3.2.1
VLOWL
3F: ---- 3---
Low Voltage Latch Enable
Disable = 0
Enable = 1
3.2.3.1
VLOWSEL
3F: ---4 ----
Low Voltage Trip Point Select(2)
2.2 V = 0
3.2V = 1
3.2.3.1
PLLSEL
3F: --5- ----
PLL Interface Select
ASK = 0
FSK = 1
5.2
MTX
3D: ---- --10
Minimum Code Words
Value
2
Value
2.0
00
1
01
2
10
4
11
8
TSEL
3D: --54 ----
Time-out Select(1)
Value
2
Time(s)
2.0
00
0.8
01
3.2
10
12.8
11
25.6
DUAL
3D:-----2--
Dual Encoder Enable
Disable = 0
Enable = 1
RFENO
3D: ----3---
RF Enable Output Select
Disable = 0
Enable = 1
Note 1: All Timing values vary ±10%.
2: Voltage thresholds are ±150 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com