Electronic Components Datasheet Search
  English  ▼

X  

VPS12 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VPS12
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS12 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VPS12 Datasheet HTML 1Page - Sanyo Semicon Device VPS12 Datasheet HTML 2Page - Sanyo Semicon Device VPS12 Datasheet HTML 3Page - Sanyo Semicon Device VPS12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Design
Since the VPS12 has the three-channel configuration shown in the circuit diagram on page 2, we first consider a single
channel. The chip temperatures of the transistors during operation can be determined from the following formula:
Tj = (Tri) =
θj-c (Tri) × Pc (Tri) + ∆Tc + Ta (°C) ........................(1)
θj-c (Tri): Thermal resistances of the transistor chips themselves
Pc (Tri): Collector loss of the transistors
∆Tc:
Increase in case temperature
Ta:
Ambient temperature
The
θj-c (Tri) for the individual transistors is:
θj-c(Tr1) to (Tr4) = 35°C/W.........................................................(2)
Although the loss in each transistor in the video pack changes with frequency and thus are not identical, assuming a
maximum frequency of 120 MHz (clock), the transistor with the largest loss is Tr3 in the emitter-follower stage. From
the Pd-f(clock) figure it can be seen that this loss is 22% of the total loss. Thus:
Pc (EF stage) f = 120 MHz = Pd (1ch) f = 120 MHz
× 0.22 [W] .............(3)
Select a
θh for the heat sink so that the junction temperature (Tj) of this transistor does not exceed 150°C. Equation (4)
gives the relationship between
θh and ∆Tc.
∆Tc = Pd (TOTAL) × θh ..............................................................(4)
The required
θh can be calculated from this equation and equation (1).
No. 5309-3/4
VPS12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com