Electronic Components Datasheet Search
  English  ▼

X  

1N4001CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 1N4001CSM4
Description  GENERAL PURPOSE SILICON RECTIFIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4001CSM4 Datasheet(HTML) 1 Page - Seme LAB

  1N4001CSM4 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Reverse Voltage
Peak Reverse Voltage
Average Half Wave Rectified
Tamb £ 25 °C
Forward Current
Tamb = 100 °C
D.C Forward Current
Repetitive Peak Forward Current
Non-Repetitive Peak Forward Current (half cycle surge , 60 c.p.s)
50
50
1.0
0.75
1
10
30
1N4001CSM4
MECHANICAL DATA
Dimensions in mm (inches)
GENERAL PURPOSE
SILICON RECTIFIER DIODE
LAB
SEME
VF
Forward Voltage Drop
VF(AV)
Full-Cycle average forward
voltage drop
IR
Reverse Current
IR(AV)
Full cycle average reverse current
IF = 1A
IF(AV) = 1A
VR = 50 V , Tamb = 25 °C
VR = 50 V , Tamb = 100 °C
VRRM = 50 V , Tamb = 75 °C
1.1
0.8
10
50
30
V
V
mA
mA
CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
VR
VRRM
IF(AV)
IF
IFRM
IFSM
General Purpose Rectifier Diode In A
Hermetic Ceramic Surface Mount Package
for High Reliability Applications
V
V
A
A
A
A
PAD 1= Cathode
PAD 2 = No Connection
PAD 3 = No Connection
PAD 4 = Anode
LCC3 PACKAGE
Underside View
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 07/00


Similar Part No. - 1N4001CSM4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4001 PHILIPS-1N4001 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4001 SURGE-1N4001 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4001 TRSYS-1N4001 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4001 WTE-1N4001 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results

Similar Description - 1N4001CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N4003CSM4 SEME-LAB-1N4003CSM4 Datasheet
12Kb / 1P
GENERAL PURPOSE SILICON RECTIFIER DIODE
logo
Rohm
1N4004A ROHM-1N4004A Datasheet
90Kb / 2P
General purpose rectifier diode
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CR5-010 CENTRAL-CR5-010_15 Datasheet
63Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
CR6A4GPP CENTRAL-CR6A4GPP_15 Datasheet
169Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
1A1 CHENDA-1A1 Datasheet
583Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N5400 CHENDA-1N5400 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
BY127 CHENDA-BY127 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S_V01 Datasheet
624Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com