Electronic Components Datasheet Search
  English  ▼

X  

16F1827 Datasheet(PDF) 23 Page - Microchip Technology

Part # 16F1827
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1827 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 16F1827 Datasheet HTML 19Page - Microchip Technology 16F1827 Datasheet HTML 20Page - Microchip Technology 16F1827 Datasheet HTML 21Page - Microchip Technology 16F1827 Datasheet HTML 22Page - Microchip Technology 16F1827 Datasheet HTML 23Page - Microchip Technology 16F1827 Datasheet HTML 24Page - Microchip Technology 16F1827 Datasheet HTML 25Page - Microchip Technology 16F1827 Datasheet HTML 26Page - Microchip Technology 16F1827 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 406 page
background image
TABLE 3-3:
PIC16(L)F1826/27 MEMORY MAP
Legend:
= Unimplemented data memory locations, read as ‘0’
Note 1:
Available only on PIC16(L)F1827.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
Core Registers
(Table 3-2)
080h
Core Registers
(Table 3-2)
100h
Core Registers
(Table 3-2)
180h
Core Registers
(Table 3-2)
200h
Core Registers
(Table 3-2)
280h
Core Registers
(Table 3-2)
300h
Core Registers
(Table 3-2)
380h
Core Registers
(Table 3-2)
00Bh
08Bh
10Bh
18Bh
20Bh
28Bh
30Bh
38Bh
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
ANSELA
20Ch
WPUA
28Ch
—
30Ch
—
38Ch
—
00Dh
PORTB
08Dh
TRISB
10Dh
LATB
18Dh
ANSELB
20Dh
WPUB
28Dh
—
30Dh
—
38Dh
—
00Eh
—08Eh
—10Eh
—18Eh
—20Eh
—28Eh
—30Eh
—38Eh
—
00Fh
—08Fh
—10Fh
—18Fh
—20Fh
—28Fh
—30Fh
—38Fh
—
010h
—090h
—110h
—190h
—210h
—290h
—
310h
—
390h
—
011h
PIR1
091h
PIE1
111h
CM1CON0
191h
EEADRL
211h
SSP1BUF
291h
CCPR1L
311h
CCPR3L(1)
391h
—
012h
PIR2
092h
PIE2
112h
CM1CON1
192h
EEADRH
212h
SSP1ADD
292h
CCPR1H
312h
CCPR3H(1)
392h
—
013h
PIR3(1)
093h
PIE3(1)
113h
CM2CON0
193h
EEDATL
213h
SSP1MASK
293h
CCP1CON
313h
CCP3CON(1)
393h
—
014h
PIR4(1)
094h
PIE4(1)
114h
CM2CON1
194h
EEDATH
214h
SSP1STAT
294h
PWM1CON
314h
—
394h
IOCBP
015h
TMR0
095h
OPTION
115h
CMOUT
195h
EECON1
215h
SSP1CON
295h
CCP1AS
315h
—
395h
IOCBN
016h
TMR1L
096h
PCON
116h
BORCON
196h
EECON2
216h
SSP1CON2
296h
PSTR1CON
316h
—
396h
IOCBF
017h
TMR1H
097h
WDTCON
117h
FVRCON
197h
—
217h
SSP1CON3
297h
—
317h
—
397h
—
018h
T1CON
098h
OSCTUNE
118h
DACCON0
198h
—218h
—
298h
CCPR2L(1)
318h
CCPR4L(1)
398h
—
019h
T1GCON
099h
OSCCON
119h
DACCON1
199h
RCREG
219h
SSP2BUF(1)
299h
CCPR2H(1)
319h
CCPR4H(1)
399h
—
01Ah
TMR2
09Ah
OSCSTAT
11Ah
SRCON0
19Ah
TXREG
21Ah
SSP2ADD(1)
29Ah
CCP2CON(1)
31Ah
CCP4CON(1)
39Ah
CLKRCON
01Bh
PR2
09Bh
ADRESL
11Bh
SRCON1
19Bh
SPBRGL
21Bh
SSP2MASK(1)
29Bh
PWM2CON(1)
31Bh
—39Bh
—
01Ch
T2CON
09Ch
ADRESH
11Ch
—
19Ch
SPBRGH
21Ch
SSP2STAT(1)
29Ch
CCP2AS(1)
31Ch
—
39Ch
MDCON
01Dh
—
09Dh
ADCON0
11Dh
APFCON0
19Dh
RCSTA
21Dh
SSP2CON(1)
29Dh
PSTR2CON(1)
31Dh
—
39Dh
MDSRC
01Eh
CPSCON0
09Eh
ADCON1
11Eh
APFCON1
19Eh
TXSTA
21Eh
SSP2CON2(1)
29Eh
CCPTMRS(1)
31Eh
—
39Eh
MDCARL
01Fh
CPSCON1
09Fh
—11Fh
—
19Fh
BAUDCON
21Fh
SSP2CON3(1)
29Fh
—31Fh
—39Fh
MDCARH
020h
General
Purpose
Register
96 Bytes
0A0h
General
Purpose
Register
80 Bytes
120h
General
Purpose
Register
80 Bytes
1A0h
General
Purpose
Register
80 Bytes(1)
220h
General
Purpose
Register
48 Bytes(1)
2A0h
Unimplemented
Read as ‘0’
320h
Unimplemented
Read as ‘0’
3A0h
Unimplemented
Read as ‘0’
Unimplemented
Read as ‘0’
06Fh
0EFh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
0F0h
Accesses
70h – 7Fh
170h
Accesses
70h – 7Fh
1F0h
Accesses
70h – 7Fh
270h
Accesses
70h – 7Fh
2F0h
Accesses
70h – 7Fh
370h
Accesses
70h – 7Fh
3F0h
Accesses
70h – 7Fh
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com