Electronic Components Datasheet Search
  English  ▼

X  

PIC12F1840 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12F1840
Description  8-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1840 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12F1840 Datasheet HTML 7Page - Microchip Technology PIC12F1840 Datasheet HTML 8Page - Microchip Technology PIC12F1840 Datasheet HTML 9Page - Microchip Technology PIC12F1840 Datasheet HTML 10Page - Microchip Technology PIC12F1840 Datasheet HTML 11Page - Microchip Technology PIC12F1840 Datasheet HTML 12Page - Microchip Technology PIC12F1840 Datasheet HTML 13Page - Microchip Technology PIC12F1840 Datasheet HTML 14Page - Microchip Technology PIC12F1840 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 382 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41441B-page 11
PIC12(L)F1840
TABLE 1-2:
PIC12(L)F1840 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/CPS0/C1IN+/
DACOUT/TX(1)/CK(1)/SDO(1)/
SS(1)/P1B(1)/MDOUT/ICSPDAT/
ICDDAT
RA0
TTL
CMOS General purpose I/O.
AN0
AN
—
A/D Channel 0 input.
CPS0
AN
—
Capacitive sensing input 0.
C1IN+
AN
—
Comparator C1 positive input.
DACOUT
—
AN
Digital-to-Analog Converter output.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
SDO
—
CMOS SPI data output.
SS
ST
—
Slave Select input.
P1B
—
CMOS PWM output.
MDOUT
—
CMOS Modulator output.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RA1/AN1/CPS1/VREF/C1IN0-/
SRI/RX(1)/DT(1)/SCL/SCK/
MDMIN/ICSPCLK/ICDCLK
RA1
TTL
CMOS General purpose I/O.
AN1
AN
—
A/D Channel 1 input.
CPS1
AN
—
Capacitive sensing input 1.
VREF
AN
—
A/D and DAC Positive Voltage Reference input.
C1IN0-
AN
—
Comparator C1 negative input.
SRI
ST
—
SR Latch input.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
SCL
I2C™
OD
I2C™ clock.
SCK
ST
CMOS SPI clock.
MDMIN
ST
—
Modulator source input.
ICSPCLK
ST
—
Serial Programming Clock.
RA2/AN2/CPS2/C1OUT/SRQ/
T0CKI/CCP1(1)/P1A(1)/FLT0/
SDA/SDI/INT/MDCIN1
RA2
ST
CMOS General purpose I/O.
AN2
AN
—
A/D Channel 2 input.
CPS2
AN
—
Capacitive sensing input 2.
C1OUT
—
CMOS Comparator C1 output.
SRQ
—
CMOS SR Latch non-inverting output.
T0CKI
ST
—
Timer0 clock input.
CCP1
ST
CMOS Capture/Compare/PWM 1.
P1A
—
CMOS PWM output.
FLT0
ST
—
ECCP Auto-Shutdown Fault input.
SDA
I2C™
OD
I2C™ data input/output.
SDI
CMOS
—
SPI data input.
INT
ST
—
External interrupt.
MDCIN1
ST
—
Modulator Carrier Input 1.
RA3/SS(1)/T1G(1)/VPP/MCLR
RA3
TTL
—
General purpose input.
SS
ST
—
Slave Select input.
T1G
ST
—
Timer1 Gate input.
VPP
HV
—
Programming voltage.
MCLR
ST
—
Master Clear with internal pull-up.
Legend:
AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Pin functions can be assigned to one of two pin locations via software. See APFCON register (Register 12-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com