Electronic Components Datasheet Search
  English  ▼

X  

PIC16F1516 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16F1516
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1516 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16F1516 Datasheet HTML 44Page - Microchip Technology PIC16F1516 Datasheet HTML 45Page - Microchip Technology PIC16F1516 Datasheet HTML 46Page - Microchip Technology PIC16F1516 Datasheet HTML 47Page - Microchip Technology PIC16F1516 Datasheet HTML 48Page - Microchip Technology PIC16F1516 Datasheet HTML 49Page - Microchip Technology PIC16F1516 Datasheet HTML 50Page - Microchip Technology PIC16F1516 Datasheet HTML 51Page - Microchip Technology PIC16F1516 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 344 page
background image
PIC16(L)F1516/7/8/9
DS41452B-page 48
Preliminary
 2011 Microchip Technology Inc.
REGISTER 4-2:
CONFIGURATION WORD 2
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
U-1
LVP
DEBUG
LPBOR
BORV
STVREN
—
bit 13
bit 8
U-1
U-1
U-1
R/P-1
U-1
U-1
R/P-1
R/P-1
—
—
—
VCAPEN(1)
—
—WRT<1:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
-n = Value when blank or after Bulk Erase
bit 13
LVP:
Low-Voltage Programming Enable bit
1
= Low-voltage programming enabled
0
= High-voltage on MCLR must be used for programming
bit 12
DEBUG:
In-Circuit Debugger Mode bit
1
= In-Circuit Debugger disabled, ICSPCLK and ICSPDAT are general purpose I/O pins
0
= In-Circuit Debugger enabled, ICSPCLK and ICSPDAT are dedicated to the debugger
bit 11
LPBOR:
Low-Power BOR
1
= Low-Power BOR is disabled
0
= Low-Power BOR is enabled
bit 10
BORV:
Brown-out Reset Voltage Selection bit
1
= Brown-out Reset voltage set to 1.9V (typical)
0
= Brown-out Reset voltage set to 2.5V (typical)
bit 9
STVREN:
Stack Overflow/Underflow Reset Enable bit
1
= Stack Overflow or Underflow will cause a Reset
0
= Stack Overflow or Underflow will not cause a Reset
bit 8-5
Unimplemented:
Read as ‘1’
bit 4
VCAPEN:
Voltage Regulator Capacitor Enable bits(1)
If PIC16LF151X (regulator disabled):
These bits are ignored. All VCAP pin functions are disabled.
If PIC16F151X (regulator enabled):
0
=VCAP functionality is enabled on RA5
1
=All VCAP pin functions are disabled
bit 3-2
Unimplemented:
Read as ‘1’
bit 1-0
WRT<1:0>:
Flash Memory Self-Write Protection bits
8 kW Flash memory (PIC16(L)F1516/7 only):
11
= Write protection off
10
= 000h to 1FFh write-protected, 200h to 1FFFh may be modified by PMCON control
01
= 000h to FFFh write-protected, 1000h to 1FFFh may be modified by PMCON control
00
= 000h to 1FFFh write-protected, no addresses may be modified by PMCON control
16 kW Flash memory (PIC16(L)F1518/9 only):
11
= Write protection off
10
= 000h to 1FFh write-protected, 200h to 3FFFh may be modified by PMCON control
01
= 000h to 1FFFh write-protected, 2000h to 3FFFh may be modified by PMCON control
00
= 000h to 3FFFh write-protected, no addresses may be modified by PMCON control
Note 1:
PIC16F151X only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com