Electronic Components Datasheet Search
  English  ▼

X  

1N4149CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 1N4149CSM
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4149CSM Datasheet(HTML) 1 Page - Seme LAB

  1N4149CSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Reverse Voltage
Repetitive Peak Reverse Voltage
Average Rectified Forward Current
Forward Current
Repetitive Peak Forward Current
Non-Repetitive Peak Forward Current
Power Dissipation at Tamb = 25 °C
1N4149CSM
MECHANICAL DATA
Dimensions in mm (inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
SILICON EPITAXIAL
PLANAR DIODE
10/99
LAB
SEME
Forward Voltage
Reverse Current
Reverse Avalanche Breakdown
Voltage
Capacitance
Forward Recovery Voltage
Reverse Recovery Time
IF = 10mA
VR = 20V
VR = 20V , Tj = 150°C
IR = 100µA
IR = 5µA
VR = 0V , f = 1 MHz
IF = 50mA , tr = 20ns
IF = 10mA to IR = 60mA
RL = 100Ω
1
25
50
100
100
4
2.5
4
V
nA
µA
V
V
pF
V
ns
CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
General Purpose and
Switching Diode in
Hermetic Ceramic Surface Mount
Package for
High Reliability Applications
VR
VRRM
IF(AV)
IF
IFRM
IFSM
Ptot
V
V
mA
mA
mA
mA
mW
t = 1
µs
t = 1s
100
100
150
200
450
2000
500
500
VF
IR
V(BR)R
Cd
Vfr
trr
Underside View
PAD 1 — Anode
PAD 2 — Not Connected
PAD 3 — Cathode
SOT23 CERAMIC
(LCC1 PACKAGE)
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - 1N4149CSM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4149 SEMTECH-1N4149 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Shanghai Lunsure Electr...
1N4149 CHENYI-1N4149 Datasheet
47Kb / 1P
SMALL SIGNAL SWITCHING DIODE
logo
GOOD-ARK Electronics
1N4149 GOOD-ARK-1N4149 Datasheet
23Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Microsemi Corporation
1N4149 MICROSEMI-1N4149 Datasheet
32Kb / 1P
COMPUTER DIODE Switching
1N4149 MICROSEMI-1N4149 Datasheet
147Kb / 3P
COMPUTER DIODE Switching
More results

Similar Description - 1N4149CSM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com