Electronic Components Datasheet Search
  English  ▼

X  

U421_SOIC Datasheet(PDF) 1 Page - Micross Components

Part # U421_SOIC
Description  a high input impedance Monolithic Dual N-Channel JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

U421_SOIC Datasheet(HTML) 1 Page - Micross Components

  U421_SOIC Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
HIGH INPUT IMPEDANCE 
IG = 0.25pA MAX 
HIGH GAIN 
gfs = 120µmho MIN 
LOW POWER OPERATION 
VGS(OFF) = 2V MAX 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature 
+150°C 
Maximum Voltage and Current for Each Transistor – Note 1 
‐VGSS 
Gate Voltage to Drain or Source 
40V 
‐VDSO 
Drain to Source Voltage 
40V 
‐IG(f) 
Gate Forward Current 
10mA 
Maximum Power Dissipation 
Device Dissipation @ Free Air – Total                 400mW @ +125°C 
MATCHING CHARACTERISTICS @ 25°C UNLESS OTHERWISE NOTED
SYMBOL 
CHARACTERISTICS 
VALUE 
UNITS 
CONDITIONS 
|∆V GS1‐2 /∆T|max. 
DRIFT VS. 
TEMPERATURE 
10 
µV/°C 
VDG=10V, ID=30µA 
TA=‐55°C to +125°C 
| V GS1‐2 | max. 
OFFSET VOLTAGE 
10 
mV 
VDG=10V, ID=30µA 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Breakdown Voltage 
40 
60 
‐‐ 
V 
VDS = 0                  IG =1nA 
BVGGO 
Gate‐To‐Gate Breakdown 
40 
‐‐ 
‐‐ 
V 
      IG = 1µA               ID = 0               IS= 0 
 
YfSS 
TRANSCONDUCTANCE 
Full Conduction 
 
300 
 
‐‐ 
 
1500 
 
µmho 
 
VDS = 10V         VGS = 0V      f = 1kHz 
YfS 
Typical Operation 
120 
200 
350 
µmho 
     VDG = 10V          ID = 30µA    f = 1kHz 
 
IDSS 
DRAIN CURRENT 
Full Conduction 
 
60 
 
‐‐ 
 
1000 
 
µA 
 
VDS = 10V              VGS = 0V 
 
VGS(off) 
GATE VOLTAGE 
Pinchoff voltage 
 
‐‐ 
 
‐‐ 
 
2.0 
 
V 
 
VDS = 10V               ID = 1nA 
VGS 
Operating Range 
‐‐ 
‐‐ 
1.8 
V 
            VDG = 10V                 ID = 30µA 
 
IGmax. 
GATE CURRENT 
Operating 
 
‐‐ 
 
‐‐ 
 
.25 
 
pA 
 
  VDG = 10V               ID = 30µA 
‐IGmax. 
High Temperature 
‐‐ 
‐‐ 
250 
pA 
TA = +125°C
 
IGSSmax. 
At Full Conduction 
‐‐ 
‐‐ 
1.0 
pA 
VDS = 0V             VGS = 20V 
‐IGSSmax. 
High Temperature 
‐‐ 
‐‐ 
1.0 
nA 
TA = +125°C  
 
YOSS 
OUTPUT CONDUCTANCE 
Full Conduction 
 
‐‐ 
 
‐‐ 
 
10 
 
µmho 
 
VDS = 10V              VGS = 0V 
YOS 
Operating 
‐‐ 
0.1 
3.0 
µmho  VDG =  10V             ID = 30µA 
 
CMR 
COMMON MODE REJECTION 
‐20 log | ∆V GS1‐2/ ∆VDS| 
 
‐‐ 
 
90 
 
‐‐ 
 
dB 
 
∆VDS = 10 to 20V        ID = 30µA 
 ‐20 log | ∆V GS1‐2/ ∆VDS| 
‐‐ 
90 
‐‐ 
dB ∆VDS = 5 to 10V          ID = 30µA 
 
NF 
NOISE 
Figure 
 
‐‐ 
 
‐‐ 
 
1 
 
dB 
VDG = 10V     ID = 30µA     RG = 10MΩ 
f = 10Hz            
en 
Voltage 
‐‐ 
20 
70 
nV/√Hz 
    VDG = 10V     ID = 30µA      f = 10Hz   
 
 
‐‐ 
10 
‐‐ 
 
    VDG  = 10V    ID = 30µA      f = 1KHz   
 
CISS 
CAPACITANCE 
Input 
 
‐‐ 
 
‐‐ 
 
3.0 
 
pF 
 
VDS= 10V       VGS = 0     f = 1MHz 
CRSS 
Reverse Transfer 
‐‐ 
‐‐ 
1.5 
pF  
The U421 is a high input impedance Monolithic Dual N-Channel JFET
U421
HIGH INPUT IMPEDANCE
MONOLITHIC DUAL
N-CHANNEL JFET
Available Packages:
U421 in TO-71 & TO-78
U421 in PDIP & SOIC
U421 available as bare die
Please contact Micross for full package and die dimensions
Email: chipcomponents@micross.com
U421 Applications:
Ultra Low Input Current Differential Amps
High-Speed Comparators
Impedance Converters
The U421 monolithic dual n-channel JFET is designed
to provide very high input impedance for differential
amplification and impedance matching. Among its
many unique features, this series offers operating gate
current specified at -250 fA. The U421 is a direct
replacement for discontinued Siliconix U421.
The hermetically sealed TO-71 & TO-78 packages are
well suited for military applications. The 8 Pin P-DIP
and 8 Pin SOIC provide ease of manufacturing, and the
symmetrical pinout prevents improper orientation.
(See Packaging Information).
Linear Systems replaces discontinued Siliconix U421
TO-71 / TO-78 (Top View)
P-DIP / SOIC (Top View)
Note 1 – These ratings are limiting values above which the serviceability of any semiconductor may be impaired


Similar Part No. - U421_SOIC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U421-003 TRIPPLITE-U421-003 Datasheet
183Kb / 3P
USB-C Extension Cable (M/F) - USB 3.2 Gen 1, Thunderbolt 3, 60W PD Charging, Black, 3 ft. (0.9 m)
U421-006 TRIPPLITE-U421-006 Datasheet
183Kb / 3P
USB-C Extension Cable (M/F) - USB 3.2 Gen 1, Thunderbolt 3, 60W PD Charging, Black, 6 ft. (1.8 m)
U421-20N-G2 TRIPPLITE-U421-20N-G2 Datasheet
183Kb / 3P
USB-C Extension Cable (M/F) - USB 3.2 Gen 2, Thunderbolt 3, 60W PD Charging, Black, 20 in. (0.5 m)
U421-20N-G2-RA TRIPPLITE-U421-20N-G2-RA Datasheet
172Kb / 3P
USB-C Extension Cable (M/F) - USB 3.2 Gen 2, Thunderbolt 3, 60W PD Charging, Right-Angle Plug, Black, 20 in. (0.5 m)
logo
Micross Components
U421_TO-71 MICROSS-U421_TO-71 Datasheet
276Kb / 1P
high input impedance Monolithic Dual N-Channel JFET
More results

Similar Description - U421_SOIC

ManufacturerPart #DatasheetDescription
logo
Micross Components
U423_TO-78 MICROSS-U423_TO-78 Datasheet
277Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U424_PDIP MICROSS-U424_PDIP Datasheet
276Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U424_SOIC MICROSS-U424_SOIC Datasheet
276Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U424_TO-78 MICROSS-U424_TO-78 Datasheet
276Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U425_SOIC MICROSS-U425_SOIC Datasheet
276Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U425_TO-71 MICROSS-U425_TO-71 Datasheet
276Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U425_TO-78 MICROSS-U425_TO-78 Datasheet
276Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U426_PDIP MICROSS-U426_PDIP Datasheet
277Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U426_SOIC MICROSS-U426_SOIC Datasheet
277Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
U426_TO-71 MICROSS-U426_TO-71 Datasheet
277Kb / 1P
a high input impedance Monolithic Dual N-Channel JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com