Electronic Components Datasheet Search
  English  ▼

X  

PIC18F14K22LIN Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC18F14K22LIN
Description  20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F14K22LIN Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC18F14K22LIN Datasheet HTML 36Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 37Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 38Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 39Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 40Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 41Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 42Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 43Page - Microchip Technology PIC18F14K22LIN Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
PIC18F14K22LIN
DS41580A-page 44
Preliminary
 2011 Microchip Technology Inc.
FIGURE 8-1:
HFINTOSC FREQUENCY ACCURACY OVER DEVICE VDD AND TEMPERATURE
125
25
2.0
0
60
85
VDD (V)
4.0
5.0
4.5
2.5
3.0
3.5
5.5
1.8
-40
-20
± 6%
± 3%
± 6%
8.1
DC Characteristics: RC Run Supply Current, PIC18F14K22LIN
PIC18F14K22LIN
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Typ.
Max.
Units
Conditions
D008
15.5
19.5
A
-40°C
VDD = 5.0V
FOSC = 31 kHz(4)
(RC_RUN mode,
LFINTOSC source)
16.5
20.5
A+25°C
20.5
29.5
A+85°C
30.5
35.5
A
+125°C
D009
0.98
0.98
mA
-40°C TO +125°C
VDD = 5.0V
FOSC = 1 MHz
(RC_RUN mode,
HFINTOSC source)
D010
4.0
4.7
mA
-40°C TO +125°C
VDD = 5.0V
FOSC = 16 MHz
(RC_RUN mode,
HF-INTOSC source)
*
These parameters are characterized but not tested.
Note
1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k

4:
FVR and BOR are disabled.
5:
When a single temperature range is provided for a parameter, the specification applies to both industrial and extended
temperature devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com