Electronic Components Datasheet Search
  English  ▼

X  

GMBAV99 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBAV99
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBAV99 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBAV99 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBAV99 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBAV99
SWITCHING
SWITCHING
SWITCHING
SWITCHING
DIODE
DIODE
DIODE
DIODE
開關二極管(((
(
BAV99
BAV99
BAV99
BAV99
)))
)
▉
FEATURES
特點
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=
=
=
=
25
25
25
25
℃ unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊说明,溫度爲 25℃)))
)
▉
SOT-23
内部结构
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Power dissipation 耗散功率
PD(Ta=25℃)
225
mW
Forward Current 正向電流
IF
200
mA
Reverse Voltage 反向電壓
VR
70
V
Junction and Storage Temperature
結溫和儲藏溫度
TJ,Tstg
-55to+150℃
BAV99
BAV99
BAV99
BAV99
=A
=A
=A
=A
7
7
7
7
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Reverse Breakdown Voltage 反向擊穿電壓
(IR=100uA)
V(BR)
70
—
V
Reverse Leakage Current 反向漏電流
(VR=70V)
IR
—
1
uA
Forward Voltage(Test Condition)正向電壓
IF=1mA
IF=10mA
IF=50mA
IF=150mA
VF
—
715
855
1000
1250
mV
Diode Capacitance 二極體電容
(VR=0V, f=1MHz)
CD
—
1.5
pF
Reverse Recovery Time 反向恢復時間
Trr
—
6
nS


Similar Part No. - GMBAV99

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMBAV23A GSME-GMBAV23A Datasheet
213Kb / 2P
SWITCHING DIODE
GMBAV23C GSME-GMBAV23C Datasheet
213Kb / 2P
SWITCHING DIODE
GMBAV23S GSME-GMBAV23S Datasheet
213Kb / 2P
SWITCHING DIODE
GMBAV70 GSME-GMBAV70 Datasheet
256Kb / 2P
SWITCHING DIODE
GMBAV74 GSME-GMBAV74 Datasheet
255Kb / 2P
SWITCHING DIODE
More results

Similar Description - GMBAV99

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com