Electronic Components Datasheet Search
  English  ▼

X  

GMA733 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMA733
Description  SOT-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMA733 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMA733 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMA733 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMA733 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Elec tronics
Micro-Elec tronics
Micro-Elec tronics
Micro-Elec tronics Co., Ltd.
Co., Ltd.
Co., Ltd.
Co., Ltd.
GMA733
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (T
(T
(T
(Taaaa=25
=25
=25
=25℃)))) 最大額定值
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING 打標
CHARACTERISTIC
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極-基極電壓
VCBO
-60
Vdc
Collector-Emitter Voltage
集電極-發射極電壓
VCEO
-50
Vdc
Emitter-Base Voltage
發射極-基極電壓
VEBO
-5.0
Vdc
Collector Current-Continuous
集電極電流-連續
Ic
-150
mA
Collector Power Dissipation
集電極耗散功率
PC
200
mW
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃
GM
GM
GM
GMA733
A733
A733
A733((((A733
A733
A733
A733LT1)=C
LT1)=C
LT1)=C
LT1)=CS
S
S
S
H
H
H
HFE
FE
FE
FE
:120-220
:120-220
:120-220
:120-220 200-4
200-4
200-4
200-475
75
75
75


Similar Part No. - GMA733

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMA733 GSME-GMA733_15 Datasheet
204Kb / 2P
PNP General Purpose Transistor
More results

Similar Description - GMA733

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2222 GSME-GM2222 Datasheet
325Kb / 4P
SOT-23
GM2712 GSME-GM2712 Datasheet
280Kb / 3P
SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
SOT-23
GM4403 GSME-GM4403 Datasheet
351Kb / 4P
SOT-23
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
SOT-23
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
SOT-23
logo
Sangdest Microelectroni...
S23LC03 SMC-S23LC03 Datasheet
124Kb / 4P
SOT-23
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
SOT-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com