Electronic Components Datasheet Search
  English  ▼

X  

SSR05C100 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR05C100
Description  Schottky Silicon Carbide Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR05C100 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR05C100 Datasheet HTML 1Page - Solid States Devices, Inc SSR05C100 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0030F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR05C __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package 2/
G = Cerpack
S.5 = SMD.5
GL = Leaded Cerpack
│
│
└ Configuration
└ Voltage
100 = 1000 V
120 = 1200 V
SSR05C120 Series
5 A / 1200 V
Schottky Silicon Carbide
Rectifier
FEATURES:
• 1200 Volt Silicon Carbide Schottky Rectifier
• Average Output Current 5 Amps
• No Reverse Recovery
• No Forward Recovery
• No Switching Time Change Over
Temperature
• Small Package Size
• TX, TXV, and Space Level Screening
Available. Consult Factory.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR05C100
SSR05C120
VRRM
VR
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
IO
5
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
IFSM
30
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
3.0
oC/W
CERPACK (G)
2/
Drawing# 60-0149-366
SMD .5 (S.5)
2/
Drawing# 60-0149-507
LEADED CERPACK (GL)
2/
Drawing# 60-0149-366-1
TAB SIZE =0.250W x 0.360L x 0.005” Thick


Similar Part No. - SSR05C100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C100 SSDI-SSR05C100 Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR05C100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C60 SSDI-SSR05C60_1 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
SSR30C100S1 SSDI-SSR30C100S1_1 Datasheet
76Kb / 2P
Schottky Silicon Carbide Rectifier
SH0067B SSDI-SH0067B Datasheet
116Kb / 2P
Schottky Silicon Carbide Rectifier
RS0016K SSDI-RS0016K_15 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
RS0204 SSDI-RS0204_15 Datasheet
169Kb / 3P
SILICON CARBIDE SCHOTTKY RECTIFIER
SH0030G SSDI-SH0030G_15 Datasheet
118Kb / 2P
Schottky Silicon Carbide Rectifier
SH0043D SSDI-SH0043D_15 Datasheet
82Kb / 2P
Schottky Silicon Carbide Rectifier
SH0067B SSDI-SH0067B_15 Datasheet
116Kb / 2P
Schottky Silicon Carbide Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
logo
Central Semiconductor C...
CSIC10-1200 CENTRAL-CSIC10-1200_15 Datasheet
951Kb / 3P
SILICON CARBIDE SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com