Electronic Components Datasheet Search
  English  ▼

X  

SSR50C60CT Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR50C60CT
Description  SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR50C60CT Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR50C60CT Datasheet HTML 1Page - Solid States Devices, Inc SSR50C60CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0140B
DOC
ELECTRICAL CHARACTERISTICS3/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TJ=25ºC, 300sec pulse)
IF = 12 A
IF = 25 A
V
F1
––
1.25
1.60
1.40
1.90
Volts
Instantaneous Forward Voltage Drop
(TJ=150ºC, 300sec pulse)
IF = 12 A
IF = 25 A
VF2
––
1.30
1.70
1.50
2.00
Volts
Instantaneous Forward Voltage Drop
(TJ=-55ºC, 300sec pulse)
IF = 12 A
IF = 25 A
VF3
––
1.25
1.50
1.40
1.90
Volts
Reverse Leakage Current
(VR = Rated VR, TJ = 25ºC, 300 sec pulse)
IR1
––
20
250
A
Reverse Leakage Current
(VR = Rated VR, TJ = 150ºC, 300 sec pulse)
IR2
––
50
1000
A
Junction Capacitance
(VR = 10Vdc, f = 1MHz, TC = 25
oC)
CJ
––
400
––
pF
Total Capacitive Charge
(VR = 400Vdc, IF=5A, di/dt=200A/s, TJ=150
oC)
QC
––
50
––
nC
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC
4/ If High temp operation is desired (>175°C), consult factory for soldering consideration.
Available Part Numbers: SSR50C50CTM, SSR50C60CTM
.685
.665
.750
.500
PIN 2
PIN 1
PIN 3
Ø
.150
.139
.545
.535
.800
.790
.050
.040
.270
.240
.545
.535
.155
.140
3x Ø
.045
.035
2x
.155
.145
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638-5223
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR50C60CT Series
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
TO-254
Anode
Cathode
Anode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com