Electronic Components Datasheet Search
  English  ▼

X  

SSR4045CTM Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR4045CTM
Description  POSITIVE CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR4045CTM Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR4045CTM Datasheet HTML 1Page - Solid States Devices, Inc SSR4045CTM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0031E
DOC
CASE OUTLINE: TO-254
CASE OUTLINE: TO-254Z (Suffix Z)
Pin Assignment:
Code
Function
Pin 1
Pin 2
Pin 3
CT
Common Cathode
Anode
Cathode
Anode
CA
Common Anode
Cathode
Anode
Cathode
D
Doubler
Cathode
AC
Anode
OPTIONAL LEAD BEND CONFIGURATION
SUFFIX MDB & ZDB
SUFFIX MUB & ZUB
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR4045CTM
SSR4045CTZ
ELECTRICAL CHARACTERISTICS 5/
CHARACTERISTICS
SYMBOL
MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(TA = 25
°C, 300-500 µsec Pulse)
IF = 5A
IF = 10A
IF = 20A
VF1
VF2
VF3
0.52
0.60
0.77
Vdc
Instantaneous Forward Voltage Drop
(IF = 10A, TA = -55
°C, 300-500 µsec Pulse )
VF4
0.67
Vdc
Reverse Leakage Current
(Rated VR, TA = 25
°C, 300 µsec Pulse Minimum )
IR1
200
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, 300 µsec Pulse Minimum )
IR2
15
mA
Junction Capacitance
(VR = 10 V, f = 1MHz, TA = 25
°C)
CJ
800
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com