Electronic Components Datasheet Search
  English  ▼

X  

2N2916 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2916
Description  DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2916 Datasheet(HTML) 2 Page - Seme LAB

  2N2916 Datasheet HTML 1Page - Seme LAB 2N2916 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2916
2N2918
Parameter
Test Conditions
Min. Typ. Max. Min. Typ. Max.
Unit
—
mV
mV
0.9
1
3
5
0.8
1
0.8
1
5
10
1.6
2
VCE = 5V
IC = 100mA
See Note 2.
VCE = 5V
IC = 100mA
VCE = 5V
IC = 10mA to 1mA
VCE = 5V
IC = 100mA
TA1 = 25°C
TA2 = –55°C
VCE = 5V
IC = 100mA
TA1 = 25°C
TA2 = 125°C
TRANSISTOR MATCHING CHARACTERISTICS
LAB
SEME
Prelim. 9/95
2N2914
2N2916
2N2918
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
1
Min.
Typ.
Max.
Unit
V
nA
mA
nA
—
V
W
mmho
—
pF
45
45
6
10
10
2
2
150
600
30
225
300
0.70
0.35
25
32
1
3
6
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
ICEO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
hFE
DC Current Gain
VBE
Base – Emitter Voltage
VCE(sat)
Collector – Emitter Saturation Voltage
hib
Small Signal Common – Base
Input Impedance
hob
Small Signal Common – Base
Output Admittance
|hfe|
Small Signal Common – Base
Current Gain
Cobo
Common – Base Open Circuit
Output Capacitance
IC = 10mAIE = 0
IC = 10mAIB = 0
IE = 10mAIC = 0
VCB = 45V
IE = 0
TA = 150°C
VCE = 5V
IB = 0
VEB = 5V
IC = 0
VCE = 5V
IC = 10mA
TA = –55°C
VCE = 5V
IC = 100mA
VCE = 5V
IC = 1mA
VCE = 5V
IC = 100mA
IB = 100mAIC = 1mA
VCB = 5V
IC = 1mA
f = 1kHz
VCB = 5V
IC = 1mA
f = 1kHz
VCE = 5V
IC = 500mA
f = 20MHz
VCB = 5V
IE = 0
f = 140kHz to 1MHz
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
INDIVIDUAL TRANSISTOR CHARACTERISTICS
* Pulse Test: tp = 300ms , d£ 1%.
NOTES
1) Terminals not under test are open circuited under all test conditions.
2) The lower of the two readings is taken as hFE1.
hFE1
hFE2
|VBE1 – VBE2|
|
D(VBE1 – VBE2)DTA|
Static Forward Current
Gain Balance Ratio
Base – Emitter Voltage
Differential
Base – Emitter Voltage
Differential Change With
Temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com