Electronic Components Datasheet Search
  English  ▼

X  

ST500A270 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # ST500A270
Description  500 W Transient Voltage Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST500A270 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  ST500A270 Datasheet HTML 1Page - Solid States Devices, Inc ST500A270 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST500A7.5
thru
ST500A270
Electrical Characteristics @ 25 ºC
Nominal
Zener
Voltage
Zener
Test Current
Typical
Impedance
10% AC
modulation
Maximum Reverse
Current @ Standoff
Voltage
Typical
Temperature
Coefficient
Maximum Clamping
Voltage
10 / 1000
μs waveform
VZ @ IZT
4/
IZT
Z
NOTES:
1 Consult factory for parts ordering information
2 Screening based on MIL-PRF-19500. Screening flows available on request. X-Ray shall be performed in lieu of Precap Inspection – Consult Factory.
3 Consult factory for package outline
4 Pulsed @ 300
μs nominal, other pulse widths will provide different results due to self heating
Z @ IZT
IR @ VR
Standoff
Voltage
TC @ IZT
Vcl @ ICL
ICL
Nom
A
B
mA
Ohms
μA
V
% / °C
V
Amps
7.5
8.2
9.1
10
11
±10%
±5%
175
150
150
125
125
0.7
0.8
0.9
1.0
1.1
3000
2400
100
40
30
6.2
6.8
7.5
8.2
9.1
0.07
0.08
0.08
0.09
0.10
11.3
12.3
13.3
14.8
15.7
44.2
40.6
37.6
34.0
31.8
12
13
15
16
18
±10%
±5%
100
100
75
75
65
1.1
1.2
1.2
1.3
1.3
20
10
10
10
10
10
11
12
13
15
0.10
0.10
0.10
0.11
0.11
17.0
18.9
20.9
22.9
25.6
29.4
26.4
23.9
21.8
19.5
20
22
24
27
30
±10%
±5%
65
50
50
50
40
1.5
1.6
1.8
2.5
4.0
10
10
10
10
10
16
18
20
22
24
0.11
0.11
0.11
0.11
0.11
28.4
31.0
33.8
38.1
42.2
17.6
16.1
14.8
13.1
11.8
33
36
39
43
47
±10%
±5%
40
30
30
35
25
5.0
6.0
7.0
10
12
10
10
10
10
10
27
30
33
36
39
0.11
0.11
0.11
0.12
0.12
46.2
50.1
54.1
60.7
65.5
10.8
10.0
9.2
8.2
7.6
51
56
62
68
75
±10%
±5%
25
20
20
20
20
14
18
20
22
25
10
10
10
10
10
43
47
51
56
62
0.12
0.12
0.13
0.13
0.13
70.8
78.6
86.5
94.4
103.5
7.0
6.3
5.8
5.3
4.8
82
91
100
110
120
±10%
±5%
15
15
12
12
10
30
40
45
65
90
10
10
10
10
10
68
75
82
91
100
0.13
0.13
0.13
0.13
0.13
114
126
139
152
167
4.3
3.9
3.6
3.3
3.0
130
150
160
180
200
±10%
±5%
10
8.0
8.0
5.0
5.0
100
150
180
210
250
10
10
10
10
10
110
120
130
150
160
0.13
0.13
0.13
0.13
0.13
185
204
224
249
276
2.7
2,4
2.2
2.0
1.8
220
240
270
±10%
±5%
5.0
5.0
5.0
350
450
600
10
10
10
180
200
220
0.13
0.13
0.13
305
336
380
1.6
1.5
1.3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00023D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com