Electronic Components Datasheet Search
  English  ▼

X  

IMX28AEC Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
28
Freescale Semiconductor
3.5.1.2
HSADC Electrical Specification
Table 32 shows the electrical specifications for the HSADC
3.5.2
DPLL Electrical Specifications
This section includes descriptions of the USB PLL electrical specifications and Ethernet PLL electrical
specifications.
3.5.2.1
USB PLL Electrical Specifications
The i.MX28 integrates a high-frequency USB PLL that provides the 480-MHz clock for the USB and other
system blocks.
Table 33 lists the USB PLL output electrical specifications.
2 This comprises only the required initial dummy conversion cycle, NOT including the Analog part power-up time.
3 This value only includes the ADC and the driver switches, but it does not take into account the current consumption in the
touchscreen plate. For example, if the plate resistance is 200 ohm, the total current consumption is about 11 mA.
Table 32. HSADC Electrical Specification
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC Electrical Specification
Input sampling
capacitance (Cs)
No pin/pad capacitance included
—
0.5
—
pF
Resolution
—
12
bits
Maximum sampling rate
(fs)
——
—
2
MHz
Power-up time
—
1
sample
cycles
DC Electrical Specification
DC input voltage
—
0.5
—
VDDA-0.5
V
Current Consumption
VDDA
VDDD
——
TBD
—
mA
mA
DNL
fin = 1 kHz
—
—
TBD
LSB
INL
fin = 1kHz
—
—
TBD
LSB
Table 33. USB PLL Specifications
Parameter
Test Conditions
Min
Typ
Max
Unit
PLL lock time
—
—
—
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com