Electronic Components Datasheet Search
  English  ▼

X  

ICE3AS02G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE3AS02G
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02G Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE3AS02G Datasheet HTML 1Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 2Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 3Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 4Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Type
FOSC
Package
ICE3AS02
100kHz
PG-DIP-8
ICE3BS02
67kHz
PG-DIP-8
ICE3AS02G
100kHz
PG-DSO-8
ICE3BS02G
67kHz
PG-DSO-8
Version 1.2
3
02 Sep 2005
F3
ICE3AS02 / ICE3BS02
ICE3AS02G / ICE3BS02G
Off-Line SMPS Current Mode Controller
with integrated 500V Startup Cell
P-DSO-8-3, -6
test
PG-DIP-8
PG-DSO-8
Product Highlights
• Active Burst Mode to reach the lowest Standby Power
Requirements < 100mW
• Protection features (Auto Restart Mode) to increase
robustness and safety of the system
• Adjustable Blanking Window for high load jumps to increase
system reliability
• PB-free Plating and RoHS compilant
Features
• 500V Startup Cell switched off after Start Up
• Active Burst Mode for lowest Standby Power
@ light load controlled by Feedback Signal
• Fast load jump response in Active Burst Mode
• 100/67kHz internally fixed switching frequency
• Auto Restart Mode for Overtemperature Detection
• Auto Restart Mode for VCC Overvoltage Detection
• Auto Restart Mode for Overload and Open Loop
• Auto Restart Mode for VCC Undervoltage
• Blanking Window for short duration high current
• User defined Soft Start
• Minimum of external components required
• Max Duty Cycle 72%
• Overall tolerance of Current Limiting
< ±5%
• Internal PWM Leading Edge Blanking
• Soft switching for low EMI
Description
The F3 Controller provides Active Burst Mode to reach the
lowest Standby Power Requirements <100mW at no load. As
the controller is always active during Active Burst Mode, there
is an immediate response on load jumps without any black out
in the SMPS. In Active Burst Mode the ripple of the output
voltage can be reduced <1%. Furthermore, to increase the
robustness and safety of the system, the device enters into Auto
Restart Mode in the cases of Overtemperature, VCC
Overvoltage, Output Open Loop or Overload and VCC
Undervoltage. By means of the internal precise peak current
limitation, the dimension of the transformer and the secondary
diode can be lowered which leads to more cost efficiency. An
adjustable blanking window prevents the IC from entering Auto
Restart Mode or Active Burst Mode unintentionally in case of
high load jumps.
C
SoftS
C
VCC
C
Bulk
Converter
DC Output
+
ICE3AS02/G ICE3BS02/G
Snubber
Power
Management
PWM Controller
Current Mode
85 ... 270 VAC
Typical Application
R
Sense
Gate
CS
Startup Cell
HV
Precise Low
Tolerance Peak
Current Limitation
SoftS
FB
GND
VCC
Control Unit
-
Active Burst Mode
Auto Restart Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com