Electronic Components Datasheet Search
  English  ▼

X  

2N3502 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3502
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3502 Datasheet(HTML) 2 Page - Seme LAB

  2N3502 Datasheet HTML 1Page - Seme LAB 2N3502 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3502
2N3503
2N3504
2N3505
Prelim. 4/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Collector to Base
Breakdown Voltage
Emmiter to Base
Breakdown Voltage
Collector-Emitter
Sustaining Voltage
ICES
Collector Cutoff Current
Collector Reverse
Current
hFE
DC Current Gain
Collector Saturation
Voltage
VBE(sat)
Base Saturation Voltage
FT
Transition Frequency
Cob
Output Capacitance
ton
Turn On Time
toff
Turn Off Time
-60
-45
-5
-60
-45
0.07
10
0.05
10
10
10
140
270
115
160
300
135
200
100
150
300
80
120
50
70
50
100
-0.08
-0.25
-0.18
-0.4
-0.5
-1.6
-0.9
-1.0
-1.0
-1.3
-2.0
2
2.50
4.5
8.0
30
40
65
100
2N3503 / 2N3505
2N3502 / 2N3504
2N3503 / 2N3505
2N3502 / 2N3504
VCE = -50V VBE = 0
2N3503 / 2N3505
VCE = -30V VBE = 0
2N3502 / 2N3504
IE = 0
VCB = -50V
2N3503 / 2N3505
t = 150°CVCB = -30V
2N3502 / 2N3504
IC = 10mA
VCE = -10V
IC = 50mA
VCE = -1.0V
IC = 1.0mA VCE = -10 V
IC = 150mA VCE = -10V
IC = 10mAVCE = -10V
IC = 500mA VCE = -10 V
t = -55°C
IC = 50mA
VCE = -1.0V
IC = 50mA
IB = 2.5mA
IC = 150mA IB = 15mA
IC = 500mA IB = 50mA
IC = 50mA
IB = 2.5mA
IC = 150mA IB = 15mA
IC = 500mA IB = 50mA
IC = 50mA
VCE = -20V
f = 100MHZ
VCB = -10V IE = 0
IC = 300mA IB1 = 30mA
IB2 = -30mA
V
V
V
nA
mA
—
V
V
—
pf
ns
ELECTRICAL CHARACTERISTICS (25°C free air temperature unless otherwise stated)
IC = 10mA
IE = 0
IE = 10mA
IC = 0
BVCBO
IC = 10mA
IB = 0
BVEBO
VCEO
ICBO(150)
VCE(sat)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com