Electronic Components Datasheet Search
  English  ▼

X  

ADC1213S Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ADC1213S
Description  Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1213S Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ADC1213S Datasheet HTML 17Page - NXP Semiconductors ADC1213S Datasheet HTML 18Page - NXP Semiconductors ADC1213S Datasheet HTML 19Page - NXP Semiconductors ADC1213S Datasheet HTML 20Page - NXP Semiconductors ADC1213S Datasheet HTML 21Page - NXP Semiconductors ADC1213S Datasheet HTML 22Page - NXP Semiconductors ADC1213S Datasheet HTML 23Page - NXP Semiconductors ADC1213S Datasheet HTML 24Page - NXP Semiconductors ADC1213S Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ADC1213S_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 9 June 2011
21 of 39
NXP Semiconductors
ADC1213S series
Single 12-bit ADC; serial JESD204A interface
11.5 JESD204A serializer
For more information about the JESD204A standard refer to the JEDEC web site.
11.5.1 Digital JESD204A formatter
The block placed after the ADC core is used to implement all functions of the JESD204A
standard. This ensures signal integrity and guarantees the clock and the data recovery at
the receiver side.
The block is highly parameterized and can be configured in various ways depending on
the sampling frequency and the number of lanes used.
Fig 20. CML output connection to the receiver (AC-coupling)
CMLP
CMLN
12 mA to 26 mA
100 Ω
50 Ω
50 Ω
10 nF
10 nF
005aaa187
VDDD
-
+
RECEIVER
Fig 21. General overview of the JESD204A serializer
FRAME
TO
OCTETS
F octets
SCRAMBLER
TX transport layer
CF: position of controls bits
HD: frame boundary break
Padding with Tails bits (TT)
M
× (N' × S) bits
L
× (F) octets
L octets
N' = N + CS
S samples per frame cycle
N bits from Cr0 +
CS bits for control
M CONVERTERS
L LANES
TX CONTROLLER
LANE 0
8-bit/
10-bit
SER
ALIGNMENT
CHARACTER
GENERATOR
SYNC~
005aaa198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com